Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8808 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 27Page - Renesas Technology Corp FN8808 Datasheet HTML 28Page - Renesas Technology Corp FN8808 Datasheet HTML 29Page - Renesas Technology Corp FN8808 Datasheet HTML 30Page - Renesas Technology Corp FN8808 Datasheet HTML 31Page - Renesas Technology Corp FN8808 Datasheet HTML 32Page - Renesas Technology Corp FN8808 Datasheet HTML 33Page - Renesas Technology Corp FN8808 Datasheet HTML 34Page - Renesas Technology Corp FN8808 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 31 of 43
Feb 28, 2025
CURRENT SENSE FOR INDIVIDUAL PHASE - ISENX
The RC network between the RSENx and ISENxP/N pins as shown
in Figure 60 is the recommended configuration. The ISENxP pin
should be connected to the positive potential of the RSEN_CHx
through resistor RSETx, where in Figure 60, RSETx is composed by
RSETxA plus RSETxB. RSET is used to set the current sense gain
externally.
Because there is an 112µA bias current sinking to each of the
ISENxP and ISENxN pins, RBIASx with the same value to RSETx
should be placed between the ISENxN pin to the low potential of
the RSENx, where in Figure 60, RBIASx is composed by RBIASxA
plus RBIASxB.
It is recommended to have RSETxA = RBIASxA and
RSETxB = RBIASxB, and insert a capacitor (CISENx) between them
as shown in Figure 60. This will form a symmetric noise filter for
the small current sense signals. The differential filtering time
constant equals to (RSETxA+RBIASxA)*CISENx. This time constant
is typically selected in range of tens of ns depending on the
actual noise levels.
CSA generates the sensed current signal ISENx by forcing ISENxP
voltage to be equal to ISENxN voltage. Because RSETx is equal to
RBIASx, the voltage drop across RSETx and RBIASx incurred by the
fixed 112µA bias current cancels each other. Therefore, the
resulting current at CSA output ISENx is proportional to each
phase inductor current, ILx. ISENx per phase can be derived in
Equation 11, where ILx is the per-phase current flowing through
RSENx.
RSENx is normally selected with smallest resistance to minimize
the power loss on it. With RSENx selected, RSETx is selected by
the desired cycle-by-cycle peak current limiting level OC1 (refer to
“Peak Current Cycle-by-Cycle Limiting (OC1)” on page 35).
AVERAGE CURRENT SENSE FOR TWO PHASES - IMON
The IMON pin serves to monitor the total average input current of
the 2-phase boost. As shown in Figure 3 on page 7, the individual
current sense signals (ISENx) are divided by eight and summed
together. A 17µA offset current is added to form a current source
output at the IMON pin with the value calculated as shown in
Equation 12.
Assume RSEN1 = RSEN2, RSET1 = RSET2, and IIN = IL1 + IL2,
which is the total boost input average current:
As shown in Figure 4 on page 8, a resistor RIMON is placed
between the IMON pin and ground, which turns the current sense
output from the IMON pin to a voltage VIMON. A capacitor CIMON
should be used in parallel with RIMON to filter out the ripple such
that VIMON represents the total average input current of the
2-phase boost. VIMON can be calculated using Equation 14.
As shown in Figure 3 on page 7, VIMON is sent to inputs of Gm2
and comparators of CMP_PD and CMP_OCAVG for the following
functions:
1. VIMON is compared with 1.6V (VREF_CC) at error amplifier
Gm2 inputs to achieve constant current control function. The
CC control threshold for the boost input current is typically set
in a way that the per-phase average inductor current (when CC
control) is lower than the per-phase cycle-by-cycle peak
current limiting (OC1) threshold. Refer to “Constant Current
Control (CC)” on page 35 for detailed descriptions.
2. VIMON is compared with phase dropping thresholds (1.1V
falling to drop Phase 2, 1.15V rising to add Phase 2). Refer to
“Automatic Phase Dropping/Adding” on page 33 for detailed
descriptions.
3. VIMON is compared with 2V for OC_AVG fault protections.
Refer to “Average Overcurrent Fault (OC_AVG) Protection” on
page 36 for detailed descriptions.
FIGURE 60. CURRENT-SENSING BLOCK DIAGRAM
VIN
VOUT
L
IL
ISENxP
ISENx
ISENxN
RSENx
RBIASxA
RBIASxB
RSETxB
ISENx+112µA
RSETxA
CSA
112µA
112µA
IBIAS
ISENx
IC INTERNAL CIRCUITS
CISENx
112µA
+
-
+
-
+
-
+
-
+
-
RSETx RSETxA RSETxB
+
=
(EQ. 8)
RBIASx RBIASxA RBIASxB
+
=
(EQ. 9)
RBIASx RSETx
=
(EQ. 10)
ISENx ILx
RSENx
RSETx
-------------------
=
(EQ. 11)
IMON
IL1 R
SEN1
RSET1
--------------------------------
IL2 R
SEN2
RSET2
--------------------------------
+
0.125
17 10
6
–
+
=
(EQ. 12)
IMON
IIN
RSEN
RSET
---------------- 0.125
17 10
6
–
+
=
(EQ. 13)
VIMON IMON RIMON
=
(EQ. 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com