Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN8808 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 22Page - Renesas Technology Corp FN8808 Datasheet HTML 23Page - Renesas Technology Corp FN8808 Datasheet HTML 24Page - Renesas Technology Corp FN8808 Datasheet HTML 25Page - Renesas Technology Corp FN8808 Datasheet HTML 26Page - Renesas Technology Corp FN8808 Datasheet HTML 27Page - Renesas Technology Corp FN8808 Datasheet HTML 28Page - Renesas Technology Corp FN8808 Datasheet HTML 29Page - Renesas Technology Corp FN8808 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 26 of 43
Feb 28, 2025
2.5V PWM signal at phase node of Q1 and Q2 has around 25mV at
VREF_TRK, which is 1.56% of 1.6V reference. This will not affect the
boost output voltage because of the limited bandwidth of the
system. A frequency of 400kHz is recommended for the PWM signal
at the TRACK pin. Lower frequency at the TRACK input is possible,
but VREF_TRK has a higher AC ripple. Bench test evaluation is
needed to make sure the output voltage is not affected by this
VREF_TRK AC ripple.
When ATRK/DTRK = VCC (ATRK mode), the MUX connects the
TRACK pin voltage to the input of the 2-stage RC filter
R1/C1/R2/C2. The TRACK pin accepts analog signal inputs, with the
Gm1’s VREF_TRK input equal to the voltage on the TRACK pin. The
low-pass filter has the same cutoff frequency of 1.75kHz.
If not used, the TRACK pin should be left floating or tied to VCC
and the internal VREF_1.6V working as the reference.
The TRACK function is enabled before the SS pin soft-start. The
VOUT reference can be controlled by TRACK inputs at start-up.
After the SS pin ramps up to the upper clamp AND the VREF_TRK
reaches 0.3V, the upper side FET is controlled to turn on
gradually to achieve smooth transitions from DCM mode to CCM
mode, of which the transition duration is 100ms (when set at
CCM mode). After this transition, PGOOD is allowed to be pulled
HIGH as long as output voltage is in regulation (within OV/UV
threshold).
The maximum TRACK reference frequency for the boost VOUT to
track (VREF_TRK at Figure 51) is limited by the boost converter's
loop bandwidth. Generally, the tracking reference signal’s
frequency should be 10 times lower than the boost loop
crossover frequency. Otherwise, the boost output voltage cannot
track the tracking reference signal and the output voltage is
distorted. For example, for a boost converter with 4kHz loop
crossover frequency, the boost can track reference signals up to
400Hz, typically. Figures 23 and 24 on page 19 show
performances tracking 100Hz and 300Hz signals.
PEAK CURRENT MODE CONTROL
As shown in Figure 3 on page 7, each phase’s PWM operation is
initialized by the fixed clock for this phase from the oscillator
(refer to “Oscillator and Synchronization” on page 27). The clocks
for Phase 1 and Phase 2 are 180° out of phase. The low-side
MOSFET is turned on (LGx) by the clock (after a dead time delay
of tDT1) at the beginning of a PWM cycle and the inductor current
ramps up. The ISL78227’s Current Sense Amplifiers (CSA) sense
each phase inductor current and generate the current sense
signal ISENx. The ISENx is added with the compensating slope and
generates VRAMPx. When VRAMPx reaches the error amplifier
(Gm1) output voltage, the PWM comparator is triggered and LGx
is turned off to shut down the low-side MOSFET. The low-side
MOSFET stays off until the next clock signal comes for the next
cycle.
After the low-side MOSFET is turned off, the high-side MOSFET
turns on after dead time tDT2. The turn-off time of the high-side
MOSFET is determined by either the PWM turn-on time at the
next PWM cycle, or when the inductor current becomes zero if
the Diode Emulation mode is selected.
Multiphase Power Conversion
For an n-phase, interleaved, multiphase boost converter, the
PWM switching of each phase is distributed evenly with 360°/n
phase shift. The total combined current ripples at the input and
output are reduced where smaller input and output capacitors
can be used. In addition, it is beneficial to have a smaller
equivalent inductor for a faster loop design. Also in some
applications, especially in a high current case, multiphase makes
it possible to use a smaller inductor for each phase rather than
one big inductor (single-phase), which is sometimes more costly
or unavailable on the market at the high current rating. Smaller
size inductors also help to achieve low profile design.
The ISL78227 is a controller for 2-phase interleaved converter
where the two phases are operating with 180° phase shift,
meaning each PWM pulse is triggered 1/2 of a cycle after the
start of the PWM pulse of the previous phase. Figure 52 on
page 27 illustrates the interleaving effect on input ripple current.
The AC component of the two phase currents (IL1 and IL2) are
interleaving each other and the combined AC current ripple
(IL1 + IL2) at input are reduced. Equivalently, the frequency of the
AC inductor ripple at input is two times of the switching
frequency per phase.
FIGURE 51. TRACK FUNCTION BLOCK DIAGRAM
TRACK
VREF_2.5V
1k
2M
2M
20p
20p
M
U
X
Q1
Q2
R1
R2
C1
C2
2.5*D
Gm1
VREF_1.6V
FB
VREF_TRK
SS
COMP
ATRK/DTRK
ATRAK/
DTRK
IC INTERNAL CIRCUITS
+
+
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com