Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54352PWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS54352PWPR
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT™)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54352PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS54352PWPR Datasheet HTML 1Page - Texas Instruments TPS54352PWPR Datasheet HTML 2Page - Texas Instruments TPS54352PWPR Datasheet HTML 3Page - Texas Instruments TPS54352PWPR Datasheet HTML 4Page - Texas Instruments TPS54352PWPR Datasheet HTML 5Page - Texas Instruments TPS54352PWPR Datasheet HTML 6Page - Texas Instruments TPS54352PWPR Datasheet HTML 7Page - Texas Instruments TPS54352PWPR Datasheet HTML 8Page - Texas Instruments TPS54352PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TPS54352,TPS54353
TPS54354,TPS54355
TPS54356,TPS54357
SLVS519A − MAY 2004 − REVISED OCTOBER 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
OUTPUT VOLTAGE
PACKAGE
PART NUMBER
1.2 V
Plastic HTSSOP (PWP)
TPS54352PWP
1.5 V
Plastic HTSSOP (PWP)
TPS54353PWP
−40
°C to 85°C
1.8 V
Plastic HTSSOP (PWP)
TPS54354PWP
−40
°C to 85°C
2.5 V
Plastic HTSSOP (PWP)
TPS54355PWP
3.3 V
Plastic HTSSOP (PWP)
TPS54356PWP
5.0 V
Plastic HTSSOP (PWP)
TPS54357PWP
(1) The PWP package is also available taped and reeled. Add an R suffix to the device type (i.e. TPS5435xPWPR).
PACKAGE DISSIPATION RATINGS(1)
PACKAGE
THERMAL IMPEDANCE
JUNCTION-TO-AMBIENT
TA = 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
16-Pin PWP with solder(2)
42.1
°C/W
2.36
1.31
0.95
16-Pin PWP without solder
151.9
°C/W
0.66
0.36
0.26
(1) See Figure 47 for power dissipation curves.
(2) Test Board Conditions
1. Thickness: 0.062”
2. 3” x 3”
3. 2 oz. Copper traces located on the top and bottom of the PCB for soldering
4. Copper areas located on the top and bottom of the PCB for soldering
5. Power and ground planes, 1 oz. copper (0.036 mm thick)
6. Thermal vias, 0.33 mm diameter, 1.5 mm pitch
7. Thermal isolation of power plane
For more information, refer to TI technical brief SLMA002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com