Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54352PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS54352PWPR
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT™)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54352PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS54352PWPR Datasheet HTML 18Page - Texas Instruments TPS54352PWPR Datasheet HTML 19Page - Texas Instruments TPS54352PWPR Datasheet HTML 20Page - Texas Instruments TPS54352PWPR Datasheet HTML 21Page - Texas Instruments TPS54352PWPR Datasheet HTML 22Page - Texas Instruments TPS54352PWPR Datasheet HTML 23Page - Texas Instruments TPS54352PWPR Datasheet HTML 24Page - Texas Instruments TPS54352PWPR Datasheet HTML 25Page - Texas Instruments TPS54352PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
TPS54352,TPS54353
TPS54354,TPS54355
TPS54356,TPS54357
SLVS519A − MAY 2004 − REVISED OCTOBER 2004
www.ti.com
22
+
+
Figure 26. 3.3-V Power Supply With Schottky Diode
Figure 26 shows an application where a clamp diode is
used in place of the low-side FET. The TPS54352−7
incorporates an integrated pull-down FET so that the
circuit remains operating in continuous mode during light
load operation. A 3-A, 40-V Schottky diode such as the
Motorola MBRS340T3 or equivalent is recommended.
See Figures 15−17 for efficiency data and switching
waveforms for this circuit.
+
+
+
+
Pull up to
3.3 V or 5 V
Figure 27. 3.3-V/1.8-V Power Supply with Sequencing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com