Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P-NUCLEO-USB002 Datasheet(PDF) 2 Page - STMicroelectronics

Part # P-NUCLEO-USB002
Description  USB Type-C™ and Power Delivery™ Nucleo pack with NUCLEO-F072RB expansion board based on STUSB1602
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P-NUCLEO-USB002 Datasheet(HTML) 2 Page - STMicroelectronics

  P-NUCLEO-USB002 Datasheet HTML 1Page - STMicroelectronics P-NUCLEO-USB002 Datasheet HTML 2Page - STMicroelectronics P-NUCLEO-USB002 Datasheet HTML 3Page - STMicroelectronics P-NUCLEO-USB002 Datasheet HTML 4Page - STMicroelectronics P-NUCLEO-USB002 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P-NUCLEO-USB002 - System architecture
P-NUCLEO-USB002
2/5
DocID030140 Rev 1
1
P-NUCLEO-USB002 - System architecture
The USB Type-
C™ and Power Delivery kit is composed of:
1.
The NUCLEO-F072RB development board that acts as the control board where the X-
CUBE-USB-PD software is running
2.
Power Delivery expansion board with two embedded STUSB1602 Type-
C™
controllers
3.
A USB Type-C fully-featured and certified cable
Figure 1: P-NUCLEO-USB002 kit
The Power Delivery expansion board is equipped with:
Two DRP USB Type-
C™ ports managed by two STUSB1602 Type-C™ port
controllers
Optional VBUS current sensing (and discrete voltage monitoring)
Dedicated power connector to interface with an external power supply (not included in
the kit) to provide different profiles as well as VCONN (5 V) if necessary
On-board power management able to supply internal voltages
Six status LEDs for the USB-PD ports and a user LED
USB 2.0 interface available on both Type-
C™ ports
RoHS compliant
PCB type and size:
material: FR4
four-layer
copper thickness: 35 μm
total expansion board dimensions: 74 mm x 98 mm
The USB 2.0 peripheral can be alternatively mapped on both ports or in pass-
through configuration.
The NUCLEO-F072RB development board includes:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com