Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA253A2IPWR Datasheet(PDF) 18 Page - Texas Instruments

Part # INA253A2IPWR
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253A2IPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA253A2IPWR Datasheet HTML 14Page - Texas Instruments INA253A2IPWR Datasheet HTML 15Page - Texas Instruments INA253A2IPWR Datasheet HTML 16Page - Texas Instruments INA253A2IPWR Datasheet HTML 17Page - Texas Instruments INA253A2IPWR Datasheet HTML 18Page - Texas Instruments INA253A2IPWR Datasheet HTML 19Page - Texas Instruments INA253A2IPWR Datasheet HTML 20Page - Texas Instruments INA253A2IPWR Datasheet HTML 21Page - Texas Instruments INA253A2IPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADC
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
IS+
IS±
IN+
IN±
SH+
SH±
2 m
0.1%
50 k
50 k
+
±
R1
R2
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
IS+
IS±
IN+
IN±
SH+
SH±
2 m
0.1%
50 k
50 k
REF5025
2.5-V
Reference
18
INA253
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.6 Output Set to Mid-External Reference
In this example, an external reference is divided by two by connecting one REF pin to ground and the other REF
pin to the reference, as shown in Figure 37.
Figure 37. Mid-External Reference Output
8.4.7 Output Set Using Resistor Divide
The INA253 REF1 and REF2 pins allow for the midpoint of the output voltage to be adjusted for system circuitry
connections to analog to digital converters (ADCs) or other amplifiers. The REF pins are designed to be
connected directly to supply, ground, or a low-impedance reference voltage. The REF pins can be connected
together and biased using a resistor divider to achieve a custom output voltage. If the amplifier is used in this
configuration, as shown in Figure 38, use the output as a differential signal with respect to the resistor divider
voltage. For most accurate results, do not use single-ended measurements at the amplifier output because the
internal impedance shifts can adversely affect device performance specifications.
Figure 38. Setting the Reference Using a Resistor Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com