Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA253A2IPWR Datasheet(PDF) 25 Page - Texas Instruments

Part # INA253A2IPWR
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253A2IPWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA253A2IPWR Datasheet HTML 21Page - Texas Instruments INA253A2IPWR Datasheet HTML 22Page - Texas Instruments INA253A2IPWR Datasheet HTML 23Page - Texas Instruments INA253A2IPWR Datasheet HTML 24Page - Texas Instruments INA253A2IPWR Datasheet HTML 25Page - Texas Instruments INA253A2IPWR Datasheet HTML 26Page - Texas Instruments INA253A2IPWR Datasheet HTML 27Page - Texas Instruments INA253A2IPWR Datasheet HTML 28Page - Texas Instruments INA253A2IPWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
I/O Input
Ethernet
8 Port
IO-Link
Master
Remote I/O
Link
Control
ADC
Microcontroller
24 V
INA253
Power
Management
25
INA253
www.ti.com
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2.3 Current Sensing for Remote I/Os in PLC
In industrial remote IOs, there is often one power supply for several ports, as shown in Figure 45. For example,
an IO-Link master has one power supply of 24 V 5 A, but eight IO-Link ports, where each port can deliver up to 1
A. The IO-Link master must measure the total current to make sure in order to not overload the power supply. To
prevent from overloading the system, each port is only turned on if sufficient headroom in the total system
current is available. Figure 45 shows the block diagram of such a system. This is example is implemented on TI
reference design TIDA-010016. The INA253 is an excellent choice for this design because this device is simple
to use, and delivers high accuracy over a wide temperature range. The integrated 2-mΩ shunt has a low voltage
drop .and therefore low power dissipation.
Figure 45. Current Sensing in Remote I/O
9.2.3.1 Design Requirements
Table 4. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Common-mode voltage
24 V
Maximum current
9 A
ADC input voltage
1.8 V
Supply voltage
3.3 V
In this design, the current flow is unidirectional; therfore, the REF inputs must be tied to GND. Because of the
given ADC input range and current, the 200-mV/A version is chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com