Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTB24B Datasheet(PDF) 2 Page - STMicroelectronics

Part # BTB24B
Description  STANDARD TRIACS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB24B Datasheet(HTML) 2 Page - STMicroelectronics

  BTB24B Datasheet HTML 1Page - STMicroelectronics BTB24B Datasheet HTML 2Page - STMicroelectronics BTB24B Datasheet HTML 3Page - STMicroelectronics BTB24B Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Test Conditions
Quadrant
Suffix
Unit
IGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
I-II-III-IV
MIN
5
mA
I-II-III
MAX
50
IV
MAX
100
VGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
I-II-III-IV
MAX
1.3
V
VGD
VD=VDRM RL=3.3kΩ
Tj=125
°C
I-II-III-IV
MIN
0.2
V
IL
IG=1.2 IGT
Tj=25
°C
I-III-IV
MAX
70
mA
II
150
IH *IT= 500mA gate open
Tj=25
°C
MAX
50
mA
VTM *ITM= 35A tp= 380µs
Tj=25
°C
MAX
1.6
V
IDRM
IRRM
VDRM Rated
VRRM Rated
Tj=25
°CMAX
5
µA
Tj=125
°CMAX
2
mA
dV/dt *
Linear slope up to VD=67%VDRM
gate open
Tj=125
°C
MIN
750
V/
µs
(dV/dt)c *
(dI/dt)c = 11.1A/ms
Tj=125
°C
MIN
10
V/
µs
ELECTRICAL CHARACTERISTICS
* For either polarity of electrode A2 voltage with reference to electrode A1.
PG (AV) = 1W
PGM = 10W (tp = 20 µs)
IGM = 4A (tp = 20 µs)
VGM = 16V (tp = 20 µs).
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
60
°C/W
Rth (j-c) DC Junction to case for DC
1.5
°C/W
Rth (j-c) AC Junction to case for 360
° conduction angle ( F= 50 Hz)
1.1
°C/W
THERMAL RESISTANCES
0
5
10
15
20
25
0
5
10
15
20
25
30
35
P(W)
IT(rms)(A)
180°
α
α
α = 180°
α = 120°
α = 90°
α = 30°
α = 60°
Fig.
1:
Maximum
power
dissipation
versus
RMS
on-state current.
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
P(W)
Tcase (°C)
90
125
100
110
120
Tamb(°C)
α = 180°
Rth=0°C/W
Rth=1°C/W
Rth=2°C/W
Rth=3°C/W
Fig. 2: Correlation between maximum power dissipation
and
maximum
allowable
temperatures
(Tamb and
Tcase) for different thermal resistances heatsink +
contact.
BTB24 B
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com