Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTB24B Datasheet(PDF) 4 Page - STMicroelectronics

Part # BTB24B
Description  STANDARD TRIACS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB24B Datasheet(HTML) 4 Page - STMicroelectronics

  BTB24B Datasheet HTML 1Page - STMicroelectronics BTB24B Datasheet HTML 2Page - STMicroelectronics BTB24B Datasheet HTML 3Page - STMicroelectronics BTB24B Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Cooling method : C
Marking : type number
Weight : 2.25 g
Recommended torque value : 0.8 m.N.
Maximum torque value : 1 m.N.
PACKAGE MECHANICAL DATA
TO220AB
Plastic
l3
b1
b1
l2
a1
e
e
l1
F
L
B
I
A
C
b2
c1
c2
a2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
14.23
15.87
0.560
0.625
a1
4.50
0.177
a2
12.70
14.70
0.500
0.579
B
10.20
10.45
0.402
0.411
b1
0.64
0.96
0.025
0.038
b2
1.15
1.39
0.045
0.055
C
4.48
4.82
0.176
0.190
c1
0.35
0.65
0.020
0.026
c2
2.10
2.70
0.083
0.106
e
2.29
2.79
0.090
0.110
F
5.85
6.85
0.230
0.270
I
3.55
4.00
0.140
0.157
L
2.54
3.00
0.100
0.118
I1
1.30
0.051
l2
1.45
1.75
0.057
0.069
l3
0.80
1.20
0.031
0.047
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics.
Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces
all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life
support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Austral ia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco -
T he Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
BTB24 B
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com