Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48824TM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM48824TM/NOPB
Description  LM48824 Class G Headphone Amplifier with I2C Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48824TM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM48824TM/NOPB Datasheet HTML 1Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 2Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 3Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 4Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 5Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 6Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 7Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 8Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
GND
VOLUME
CONTROL
POWER
SUPPLY
Digital
Interface
LM48824
Left
Right
SCL
SDA
V+
V-
LM48824
www.ti.com
SNAS479D – MARCH 2009 – REVISED MAY 2013
LM48824
Class G Headphone Amplifier
with I2C Volume Control
Check for Samples: LM48824
1
FEATURES
DESCRIPTION
The LM48824 is a Class G, ground-referenced stereo
2
•
Class G Power Savings
headphone amplifier designed for portable devices.
•
Ground Referenced Headphone Outputs –
The
LM48824
features
TI’s
ground-referenced
Eliminates Output Coupling Capacitors
architecture, which eliminates the large DC blocking
•
Common-Mode Sense
capacitors
required
by
traditional
headphone
amplifiers,
saving
board
space
and
minimizing
•
I2C Volume and Mode Control
system cost.
•
High Output Impedance in Shutdown
The LM48824 takes advantage of TI’s patent-pending
•
Differential Inputs
Class
G
architecture
offering
power
savings
•
Advanced Click-and-Pop Suppression
compared to a traditional Class AB headphone
•
Low Supply Current
amplifier. Additionally, output noise is improved by
common-mode
sensing
that
corrects
for
any
•
Low THD Mode Option
differences between the amplifier ground and the
potential at the headphone return terminal, minimizing
APPLICATIONS
noise created by any ground mismatches.
•
Mobile Phones, PDAs, MP3 Players
A high output impedance mode allows the LM48824's
•
Portable Electronic Devices, Notebook PCs
outputs to be driven by an external source without
degrading the signal. Other features include flexible
KEY SPECIFICATIONS
power supply requirements, differential inputs for
improved noise rejection, a low power (2.5
μA)
•
Quiescent Power Supply Current at 3.6V:
shutdown mode, and a 32-step I2C volume control
0.9mA (typ)
with mute function.
•
Output Power/Channel at VDD = 3.6V (RL = 16Ω,
The LM48824's superior click and pop suppression
THD+N
≤ 1%): 37 mW (Typ)
eliminates audible transients on power-up/down and
•
Output Power/Channel at VDD = 3.6V (RL = 32Ω,
during shutdown. The LM48824 is available in an
THD+N
≤ 1%): 29 mW (Typ)
ultra-small 16-bump, 0.4mm pitch DSBGA package
•
PSRR at 217Hz: 100 dB (Typ)
(1.69mm x 1.69mm)
•
Shutdown Current: 2.5
μA (Typ)
Simplified Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48824TM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48824TM/NOPB TI1-LM48824TM/NOPB Datasheet
1Mb / 29P
Class G Headphone Amplifier with I2C Volume Control
More results

Similar Description - LM48824TM/NOPB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9726 MAXIM-MAX9726 Datasheet
525Kb / 26P
DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Rev 0; 9/06
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
National Semiconductor ...
LM48824 NSC-LM48824 Datasheet
1Mb / 28P
Class G Headphone Amplifier with I2C Volume Control
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
LM48824 TI1-LM48824 Datasheet
1Mb / 29P
Class G Headphone Amplifier with I2C Volume Control
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
logo
STMicroelectronics
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com