Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV2011MAX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV2011MAX/NOPB
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011MAX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV2011MAX/NOPB Datasheet HTML 1Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 2Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 3Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 4Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 5Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 6Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 7Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 8Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LMV2011
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
5V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for T J = 25°C, V
+ = 5V, V-= 0V, V
CM = 2.5V, VO = 2.5V and RL > 1MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
4.96
4.978
4.95
RL = 10kΩ to 2.5V
V
VIN(diff) = ±0.5V
0.040
0.070
0.085
Output Swing
4.895
4.919
4.875
RL = 2kΩ to 2.5V
V
VIN(diff) = ±0.5V
0.091
0.115
0.140
IO
Sourcing, VO = 0V
15
8
VIN(diff) = ±0.5V
6
Output Current
mA
Sinking, VO = 5V
17
8
V IN(diff) = ±0.5V
6
ROUT
Output Impedance
0.05
Ω
IS
0.930
1.20
Supply Current per Channel
mA
1.50
5V AC Electrical Characteristics
TJ = 25°C, V
+ = 5V, V -= 0V, V
CM = 2.5V, VO = 2.5V, and RL > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
GBW
Gain-Bandwidth Product
3
MHz
SR
Slew Rate
4
V/
μs
θ m
Phase Margin
60
deg
Gm
Gain Margin
−15
dB
en
Input-Referred Voltage Noise
35
nV/
√Hz
in
Input-Referred Current Noise
150
fA/
√Hz
enp-p
Input-Referred Voltage Noise
RS = 100Ω, DC to 10Hz
850
nVpp
trec
Input Overload Recovery Time
50
ms
ts
1%
0.8
AV = −1, RL = 2kΩ
Output Settling Time
0.1%
36
us
1V Step
0.01%
100
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com