Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV2011MAX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV2011MAX/NOPB
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011MAX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMV2011MAX/NOPB Datasheet HTML 1Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 2Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 3Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 4Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 5Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 6Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 7Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 8Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
-500
-400
-300
-200
-100
0
100
200
300
400
500
VCM (V)
VS = 5V
0.1
100
100k
10
100
1000
10000
1k
10
1M
FREQUENCY (Hz)
10k
1
VS = 5V
-0.2
0.3
0.8
1.3
1.8
2.3
-10
-8
-6
-4
-2
0
2
4
6
8
10
COMMON MODE VOLTAGE (V)
VS = 2.7V
25°C
70°C
0°C
-0.2
0.8
1.8
2.8
3.8
4.8
-10
-8
-6
-4
-2
0
2
4
6
8
10
COMMON MODE VOLTAGE (V)
VS = 5V
25°C
70°C
0°C
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
70°C
25°C
0°C
2.5
3.5
4.5
5.5
-5
5
SUPPLY VOLTAGE (V)
-4
-3
-2
-1
0
1
2
3
4
0°C
3
4
5
70°C
25°C
LMV2011
www.ti.com
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
Typical Performance Characteristics
TA=25C, VS= 5V unless otherwise specified.
Supply Current vs. Supply Voltage
Offset Voltage vs. Supply Voltage
Figure 3.
Figure 4.
Offset Voltage vs. Common Mode
Offset Voltage vs. Common Mode
Figure 5.
Figure 6.
Voltage Noise vs. Frequency
Input Bias Current vs. Common Mode
Figure 7.
Figure 8.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com