Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF0102 Datasheet(PDF) 24 Page - Texas Instruments

Part # LSF0102
Description  LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0102 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 19Page - Texas Instruments LSF0102 Datasheet HTML 20Page - Texas Instruments LSF0102 Datasheet HTML 21Page - Texas Instruments LSF0102 Datasheet HTML 22Page - Texas Instruments LSF0102 Datasheet HTML 23Page - Texas Instruments LSF0102 Datasheet HTML 24Page - Texas Instruments LSF0102 Datasheet HTML 25Page - Texas Instruments LSF0102 Datasheet HTML 26Page - Texas Instruments LSF0102 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
www.ti.com
PACKAGE OUTLINE
C
6X 0.5
2X
1.5
8X
0.25
0.17
3.2
3.0
TYP
SEATING
PLANE
0.1
0.0
0.12
GAGE PLANE
0 -6
0.9
0.6
B
2.4
2.2
NOTE 3
A
2.1
1.9
NOTE 3
0.35
0.20
(0.13) TYP
VSSOP - 0.9 mm max height
DCU0008A
SMALL OUTLINE PACKAGE
4225266/A 09/2014
1
4
5
8
0.08
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-187 variation CA.
A 30
DETAIL A
TYPICAL
SCALE 6.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com