Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF0102 Datasheet(PDF) 8 Page - Texas Instruments

Part # LSF0102
Description  LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0102 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 4Page - Texas Instruments LSF0102 Datasheet HTML 5Page - Texas Instruments LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
7 Parameter Measurement Information
The outputs are measured one at a time, with one transition per measurement. All input pulses are supplied by
generators that have the following characteristics:
• PRR ≤ 10 MHz
• ZO = 50 Ω
• tr ≤ 2 ns
• tf ≤ 2 ns
VT
CL
(1)
From Output
Under Test
RL
S1
S2
A.
CL includes probe and jig capacitance.
Figure 7-1. Load Circuit
USAGE
Translating Up
Translating Down
S1
S2
SWITCH
Figure 7-2. Translating Up and Down Table
VIL
Input
Output
VM
VM
VM
VM
3.3 V
5 V
VOL
Figure 7-3. Translating Up
VIL
Input
Output
VM
VM
VM
VM
5 V
2 V
VOL
Figure 7-4. Translating Down
LSF0102-Q1
SDLS969B – MAY 2018 – REVISED MAY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LSF0102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com