Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP44019GS-Z Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP44019GS-Z
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS-Z Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP44019GS-Z Datasheet HTML 19Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 20Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 21Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 22Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 23Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 24Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 25Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 26Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
23
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
In this case, it is recommended to place two
100m
Ω 2512 SMT resistors in parallel.
To enhance the anti-interference ability, a 1k
Ω
resistor is connected in series to CS. In addition,
to pass the surge test, ZCD winding is connected
to the ZCD/CS pin through a diode, and RZCD can
be used to obtain the valley signal of the drain
voltage. Generally, RZCD is designed to be equal
to R4 (for example, RZCD = R4 = 4.7kΩ).
A leading edge blanking time of tZCD_LEB (typically
0.3µs) is inserted to filter out the noise ringing on
ZCD winding just after gate turns off.
The auxiliary winding turn ratio can be calculated
with Equation (40):
N≤
VOUT-√2×VAC
MAX
2������������������������_������+VF
=9.6
(40)
Where VAC_MAX is 265VAC.
In this scenario, 26:3 is selected as the winding
ratio.
If the reflected voltage on ZCD winding is below
VZCD_L (typically 0.25V) after the gate turns off,
the AC input voltage can be estimated with
Equation (41):
VAC_LIMIT≥
VOUT−N×(2×VZCD_L+VF)
√2
=273
(41)
Erratic switching may occur if the AC source is
tuned above VAC_LIMIT. In this scenario, a voltage
spike exceeding 0.75V may be generated when
the gate turns off. If this spike lasts for longer
than tZCD_LEB (typically 0.3µs), this means that the
turn-on condition is a result of this spike. The
device immediately starts to counter the timer for
a dead time extension while ignoring the turn-off
time. Finally, this switching cycle becomes
shorter than a normal cycle.
There are three recommendations to attenuate
the spike. This first recommendation is to use a
lower resistance for RZCD and R4 (e.g. a 3kΩ
resistor with a 1206 package).
A second solution is to choose a FET with a
shorter turn-off delay time and turn-off time. The
final recommendation is to increase the BUS
voltage.
The OVP2 Pin
The second OVP voltage (VOVP2 = VOUT + ΔOVP)
can be set by the OVP2 resistors.
Normally, it is recommended to use three 3.3M
Ω
resistors in series for the upper voltage resistor
dividers of OVP2.
The lower voltage resistor divider can be
estimated with Equation (42):
ROV2=
VOVP2×VFB_OVP2
VOVP2-VFB_OVP2
×ROV1=61kΩ (42)
The COMP Pin
Based on the small signal model, the control to
output voltage transfer function (resistive load)
can be estimated with Equation (43):
GVC(s) =
KRAMP
3×KMAIN
2
x
1
2×VOUT×COUT×L
x
1
2
RO×COUT
+s
(43)
Where KMAIN is the MAINSIN voltage divider ratio,
and KRAMP is equal to tON_LL.
In this scenario, GVC can be calculated with
Equation (44):
GVC(s) =
4706.67
s+16.67
(44)
In addition, the voltage error amplifier is a
transconductance
amplifier.
The
voltage
compensation tank is connected from COMP to
GND. A Type-II compensation network is
recommended. The transfer function of the
transconductance amplifier can be calculated
with Equation (45):
GEA(s) = KFBxGM1x
1
CPxs
x
1
CZ×RZ
+s
CZ+CP
CZ×CP×RZ
+s
(45)
Where KFB is the FB voltage divider ratio, and
GM1 is the transconductance value (typically
105µs).
The open voltage loop transfer function can be
calculated with Equation (46):
G(s) = GVC(s)xGEA(s)
(46)
In this scenario, to design a high-stability voltage
loop, it is recommended to make the crossover
frequency 12Hz, as the phase margin must
exceed 45°. 5Hz is the recommended zero value,
and 50Hz should be selected as the pole with
high frequency.
The value of the compensation network can be
calculated with Equation (47):
RZ =
1
KFBxGM1
x10
-ΦVC(12)
20
= 28.5kΩ
(47)
Where CZ can be estimated with Equation (48):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com