Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP44019GS-Z Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP44019GS-Z
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS-Z Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP44019GS-Z Datasheet HTML 6Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 7Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 8Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 9Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 10Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 11Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 12Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 13Page - Monolithic Power Systems MP44019GS-Z Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
10
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 85VAC to 265VAC, VOUT = 400V, TA = 25°C, unless otherwise noted.
6.0
7.0
8.0
9.0
10.0
11.0
12.0
-50
0
50
100
150
TEMPERATURE ( C)
Supply Voltage vs. Temperature
Turn On Threshold
Turn Off Threshold
0
20
40
60
80
100
120
140
160
180
200
-50
0
50
100
150
TEMPERATURE ( C)
Supply Current vs. Temperature
Start-up Current
Quienscent Current
880
900
920
940
960
980
1000
1020
-50
0
50
100
150
TEMPERATURE ( C)
Brown-In/Out Threshold vs.
Temperature
Brown In Voltage
Brown Out Voltage
2.45
2.47
2.49
2.51
2.53
2.55
-50
0
50
100
150
TEMPERATURE ( C)
Reference Voltage vs.
Temperature
Reference Voltage
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
TEMPERATURE ( C)
UVP and OVP Threshold vs.
Temperature
UVP Stop Threshold
OVP Trigger Threshold
0.20
0.30
0.40
0.50
0.60
0.70
0.80
-50
0
50
100
150
TEMPERATURE ( C)
OCL and OCP Voltage vs.
Temperature
OCL Threshold
OCP Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com