Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF430CL331HIPWR Datasheet(PDF) 25 Page - Texas Instruments

Part # RF430CL331HIPWR
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 21Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 22Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 23Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 24Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 25Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 26Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 27Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 28Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
Data Requested
1. PCD ± ReadBinary Request
(interrupt):
More data supplied than required - caching
2. Host ± Service Request
Sent
3. PICC ± Next Request (no interrupt):
Automatically Sending
0
Sent
4. PICC ± Next Request (insufficient data):
Sent
Cached
Have
Need
Buffer shifted internally
(then interrupt)
L
N
Request Parameters:
buffer_start_index = L
length_requested = N - L
0
Entire Buffer Space (not to scale)
6. Next Request: Cycle repeats
5. Host ± Service Request:
Sending
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
In normal read mode, when Read Prefetch functionality has not been enabled, each Read Binary request
that comes in, is passed to the host controller and the internal state machine is in blocking mode until the
data is sent back to the RF430CL331H . The RF430CL331H uses the same memory for each request, it is
no more than the size of the read request packet length.
5.9.2.2
NDEF Read Command Internal Buffer Handling (With Caching)
Figure 5-10. Read Buffer Flow (with caching)
1. PCD requests a block of data. PICC received the requests, sets up the internal register and asserts the
INTO interrupt.
2. Host controller supplies the request but also adds more data on the file that is continuous with this
request.
3. The next PCD request is fulfilled automatically because the data that is requested is already in the
buffer. The host controller is not interrupted.
4. The next PCD request has insufficient data, so the data that is available is shifted to the beginning of
the buffer and the unavailable data is requested.
5. The full request is transmitted out.
6. The cycle can repeat.
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
25
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com