Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF430CL331HIPWR Datasheet(PDF) 42 Page - Texas Instruments

Part # RF430CL331HIPWR
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 42 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 38Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 39Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 40Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 41Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 42Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 43Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 44Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 45Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
5.11.5 Communication Watchdog Register
When the communication watchdog is enabled, it expects a write or read access within a specified period;
otherwise, the watchdog resets the device. If the BIP-8 communication mode is enabled, the transfer must
be valid to be accepted as a watchdog reset.
Table 5-25. Communication Watchdog Register
ADDRESS
15
14
13
12
11
10
9
8
0xFFF1
Reserved
ADDRESS
7
6
5
4
3
2
1
0
0xFFF0
Reserved
Time-out Period Selection
Enable
Table 5-26. Communication Watchdog Register Description
RESE
BIT
FIELD
TYPE
DESCRIPTION
T
15-4
Reserved
R
0
Reserved for future use. Write with 0.
000b = 2 s ±30% (1)
001b = 32 s ±30% (1)
Time-out Period
3-1
R/W
0
Selection
010b = 8.5 min ±30% (1)
011b to 111b = Reserved
0b = Communication Watchdog disabled
0
Enable
R/W
0
1b = Communication Watchdog enabled
(1)
This value is based on use of the integrated low-frequency oscillator with a frequency of 256 kHz ±30%.
5.11.6 Version Register
Provides version information about the implemented ROM code.
Table 5-27. Version Register
ADDRESS
15
14
13
12
11
10
9
8
0xFFEF
Major Version
ADDRESS
7
6
5
4
3
2
1
0
0xFFEE
Minor Version
Table 5-28. Version Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-8
Major Version
R
1
Software version
7-0
Minor Version
R
0
Software version
42
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com