Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74CBT16811CDGGR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74CBT16811CDGGR
Description  24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74CBT16811CDGGR Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT16811CDGGR Datasheet HTML 1Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 2Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 3Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 4Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 5Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 6Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 7Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 8Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN74CBT16811C
24BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS118C − JANUARY 2003 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D Undershoot Protection for Off-Isolation on
A and B Ports Up To −2 V
D B-Port Outputs Are Precharged by Bias
Voltage (BIASV) to Minimize Signal
Distortion During Live Insertion and
Hot-Plugging
D Supports PCI Hot Plug
D Bidirectional Data Flow, With Near-Zero
Propagation Delay
D Low ON-State Resistance (ron)
Characteristics (ron = 3 Ω Typical)
D Low Input/Output Capacitance Minimizes
Loading and Signal Distortion
(Cio(OFF) = 5.5 pF Typical)
D Data and Control Inputs Provide
Undershoot Clamp Diodes
D Low Power Consumption
(ICC = 3 µA Max)
D VCC Operating Range From 4 V to 5.5 V
D Data I/Os Support 0 to 5-V Signaling Levels
(0.8-V, 1.2-V, 1.5-V, 1.8-V, 2.5-V, 3.3-V, 5-V)
D Control Inputs Can Be Driven by TTL or
5-V/3.3-V CMOS Outputs
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D Supports Both Digital and Analog
Applications: PCI Interface, Memory
Interleaving, Bus Isolation, Low-Distortion
Signal Gating
description/ordering information
The SN74CBT16811C is a high-speed TTL-compatible FET bus switch with low ON-state resistance (ron),
allowing for minimal propagation delay. Active Undershoot-Protection Circuitry on the A and B ports of the
SN74CBT16811C provides protection for undershoot up to −2 V by sensing an undershoot event and ensuring
that the switch remains in the proper OFF state. The device also precharges the B port to a user-selectable bias
voltage (BIASV) to minimize live-insertion noise.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
BIASV
1A1
1A2
1A3
1A4
1A5
1A6
GND
1A7
1A8
1A9
1A10
1A11
1A12
2A1
2A2
VCC
2A3
GND
2A4
2A5
2A6
2A7
2A8
2A9
2A10
2A11
2A12
1OE
2OE
1B1
1B2
1B3
1B4
1B5
GND
1B6
1B7
1B8
1B9
1B10
1B11
1B12
2B1
2B2
2B3
GND
2B4
2B5
2B6
2B7
2B8
2B9
2B10
2B11
2B12
Widebus is a trademark of Texas Instruments.


Similar Part No. - SN74CBT16811CDGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16811CDGGR TI-SN74CBT16811CDGGR Datasheet
187Kb / 11P
24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results

Similar Description - SN74CBT16811CDGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT3245C TI-SN74CBT3245C Datasheet
413Kb / 15P
8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16811C TI-SN74CBT16811C Datasheet
187Kb / 11P
24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT6845C TI-SN74CBT6845C Datasheet
679Kb / 20P
8-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16212C TI1-SN74CBT16212C Datasheet
535Kb / 15P
24-BIT FET BUS-EXCHANGE SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16800C TI1-SN74CBT16800C Datasheet
498Kb / 13P
20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT6800C TI1-SN74CBT6800C Datasheet
816Kb / 15P
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS WITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com