Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74CBT16811CDGGR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74CBT16811CDGGR
Description  24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74CBT16811CDGGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74CBT16811CDGGR Datasheet HTML 5Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 6Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 7Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 8Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 9Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 10Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 11Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 12Page - Texas Instruments SN74CBT16811CDGGR Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(7.5)
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
56X (1.5)
56X (0.3)
54X (0.5)
(R
)
TYP
0.05
4222167/A 07/2015
TSSOP - 1.2 mm max height
DGG0056A
SMALL OUTLINE PACKAGE
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
28
29
56
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com