Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74CBT16811CDLR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74CBT16811CDLR
Description  24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74CBT16811CDLR Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBT16811CDLR Datasheet HTML 1Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 2Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 3Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 4Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 5Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 6Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 7Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 8Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN74CBT16811C
24BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS118C − JANUARY 2003 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The SN74CBT16811C is organized as two 12-bit bus switches with separate output-enable (1OE, 2OE) inputs.
It can be used as two 12-bit bus switches or as one 24-bit bus switch. When OE is low, the associated 12-bit
bus switch is ON, and the A port is connected to the B port, allowing bidirectional data flow between ports. When
OE is high, the associated 12-bit bus switch is OFF, and a high-impedance state exists between the A and B
ports. The B port is precharged to BIASV through the equivalent of a 10-k
Ω resistor when OE is high, or if the
device is powered down (VCC = 0 V).
During insertion (or removal) of a card into (or from) an active bus, the card’s output voltage may be close to
GND. When the connector pins make contact, the card’s parasitic capacitance tries to force the bus signal to
GND, creating a possible glitch on the active bus. This glitching effect can be reduced by using a bus switch
with precharged bias voltage (BIASV) of the bus switch equal to the input threshold voltage level of the receivers
on the active bus. This method will ensure that any glitch produced by insertion (or removal) of the card will not
cross the input threshold region of the receivers on the active bus, minimizing the effects of live-insertion noise.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP − DL
Tube
SN74CBT16811CDL
CBT16811C
SSOP − DL
Tape and reel
SN74CBT16811CDLR
CBT16811C
−40
°C to 85°C
TSSOP − DGG
Tube
SN74CBT16811CDGG
CBT16811C
−40 C to 85 C
TSSOP − DGG
Tape and reel
SN74CBT16811CDGGR
CBT16811C
TVSOP − DGV
Tape and reel
SN74CBT16811CDGVR
CY811C
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
(each 12-bit bus switch)
INPUT
INPUT/OUTPUT
FUNCTION
INPUT
OE
INPUT/OUTPUT
A
FUNCTION
L
B
A port = B port
H
Z
Disconnect
B port = BIASV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com