Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74CBT16811CDLR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74CBT16811CDLR
Description  24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74CBT16811CDLR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74CBT16811CDLR Datasheet HTML 5Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 6Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 7Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 8Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 9Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 10Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 11Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 12Page - Texas Instruments SN74CBT16811CDLR Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
8.3
7.9
1.2 MAX
54X 0.5
56X 0.27
0.17
2X
13.5
(0.15) TYP
0 - 8
0.15
0.05
0.25
GAGE PLANE
0.75
0.50
A
NOTE 3
14.1
13.9
B
6.2
6.0
4222167/A 07/2015
TSSOP - 1.2 mm max height
DGG0056A
SMALL OUTLINE PACKAGE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
1
56
0.08
C A
B
29
28
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com