Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE7250LE Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7250LE
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250LE Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7250LE Datasheet HTML 18Page - Infineon Technologies AG TLE7250LE Datasheet HTML 19Page - Infineon Technologies AG TLE7250LE Datasheet HTML 20Page - Infineon Technologies AG TLE7250LE Datasheet HTML 21Page - Infineon Technologies AG TLE7250LE Datasheet HTML 22Page - Infineon Technologies AG TLE7250LE Datasheet HTML 23Page - Infineon Technologies AG TLE7250LE Datasheet HTML 24Page - Infineon Technologies AG TLE7250LE Datasheet HTML 25Page - Infineon Technologies AG TLE7250LE Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
TLE7250LE
TLE7250SJ
Electrical Characteristics
Data Sheet
22
Rev. 1.0, 2015-08-12
CAN FD Characteristics
Received recessive bit width
at 2 MBit/s
t
Bit(RxD)_2MB 400
500
550
ns
C
L = 100 pF,
4.75 V <
V
CC <5.25V,
C
RxD =15pF, tBit = 500 ns,
(see Figure 11);
P_7.1.59
Transmitted recessive bit
width
at 2 MBit/s
t
Bit(Bus)_2MB
435
500
530
ns
C
L = 100 pF,
4.75 V <
V
CC <5.25V,
C
RxD =15pF, tBit = 500 ns,
(see Figure 11);
P_7.1.56
Receiver timing symmetry
at 2 MBit/s
∆tRec = tBit(RxD) - tBit(Bus)
Δt
Rec_2MB
-65
–
40
ns
C
L = 100 pF,
4.75 V <
V
CC <5.25V,
C
RxD =15pF, tBit = 500 ns,
(see Figure 11);
P_7.1.57
1) Not subject to production test, specified by design.
2) In respect to the common mode range.
Table 6
Electrical characteristics (cont’d)
4.5 V <
V
CC <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive current flowing
into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com