Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE7250LE Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE7250LE
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250LE Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE7250LE Datasheet HTML 22Page - Infineon Technologies AG TLE7250LE Datasheet HTML 23Page - Infineon Technologies AG TLE7250LE Datasheet HTML 24Page - Infineon Technologies AG TLE7250LE Datasheet HTML 25Page - Infineon Technologies AG TLE7250LE Datasheet HTML 26Page - Infineon Technologies AG TLE7250LE Datasheet HTML 27Page - Infineon Technologies AG TLE7250LE Datasheet HTML 28Page - Infineon Technologies AG TLE7250LE Datasheet HTML 29Page - Infineon Technologies AG TLE7250LE Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
TLE7250LE
TLE7250SJ
Application Information
Data Sheet
26
Rev. 1.0, 2015-08-12
8.2
Application Example
Figure 12
Application circuit
example ECU design
CANH
CANL
VBAT
TLE7250LE
VCC
CANH
CANL
GND
NEN
TxD
RxD
7
6
1
4
8
2
3
Microcontroller
e.g. XC22xx
VCC
GND
Out
Out
In
TLE4476D
GND
IQ1
100 nF
22 uF
EN
Q2
22 uF
100 nF
TLE7250LE
VCC
CANH
CANL
GND
NEN
TxD
RxD
7
6
1
4
8
2
3
Microcontroller
e.g. XC22xx
VCC
GND
Out
Out
In
TLE4476D
GND
IQ1
100 nF
22 uF
EN
Q2
22 uF
100 nF
optional:
common mode choke
optional:
common mode choke
NRM
NRM
Out
Out
5
5
CANH
CANL
120
Ohm
120
Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com