Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS2811 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2811 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2811 Datasheet HTML 17Page - Texas Instruments TPS2811 Datasheet HTML 18Page - Texas Instruments TPS2811 Datasheet HTML 19Page - Texas Instruments TPS2811 Datasheet HTML 20Page - Texas Instruments TPS2811 Datasheet HTML 21Page - Texas Instruments TPS2811 Datasheet HTML 22Page - Texas Instruments TPS2811 Datasheet HTML 23Page - Texas Instruments TPS2811 Datasheet HTML 24Page - Texas Instruments TPS2811 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REG_IN
1 IN
GND
2 IN
REG_OUT
1 OUT
VCC
2 OUT
U2
TPS2812D
1
2
3
4
8
7
6
5
Q1
IRF7406
1
3
2
R5
10 kΩ
C11
0.47 µF
C100
100 µF
16 V
C5
100 µF
16 V
1
2
3
4
J1
2
1
Q2
IRF7201
3
CR1
30BQ015
C6
1000 pF
R7
3.3 Ω
L1
27 µF
C12
100 µF
16 V
C7
100 µF
16 V
C13
10 µF
10 V
1
2
3
4
J2
VI
I
V
GND
GND
3.3 V
3.3 V
GND
GND
U1
TL5001CD
OUT
VCC
COMP
FB
GND
R
T
DTC
SCP
R2
1.6 kΩ
C3
0.0022
µF
C2
0.033 µF
R13
10 kΩ
C14
0.1 µF
R6
15 Ω
R10
1 kΩ
R11
30 kΩ
CR2
BAS16ZX
R12
10 kΩ
CR3
BAS16ZX
C15
1 µF
R8
121 kΩ
1%
C9
0.22 µF
C1
1 µF
R4
2.32 kΩ
1%
R3
180 Ω
C4
0.022 µF
R1
1.00 kΩ
1%
R9
90.9 kΩ
1%
8
7
6
5
1
2
3
4
+
+
+
+
+
TPS2811-Q1
www.ti.com
SLVSAE0 – JUNE 2010
Synchronous Buck Regulator
Figure 48 is the schematic for a 100-kHz synchronous-rectified buck converter implemented with a TL5001
pulse-width-modulation (PWM) controller and a TPS2812 driver. The bill of materials is provided in Table 1. The
converter operates over an input range from 5.5 V to 12 V and has a 3.3-V output capable of supplying 3 A
continuously and 5 A during load surges. The converter achieves an efficiency of 90.6% at 3 A and 87.6% at 5 A.
Figures 49 and 50 show the power switch switching performance. The output ripple voltage waveforms are
documented in Figures 54 and 55.
The TPS2812 drives both the power switch, Q2, and the synchronous rectifier, Q1. Large shoot-through currents,
caused by power switch and synchronous rectifier remaining on simultaneously during the transitions, are
prevented by small delays built into the drive signals, using CR2, CR3, R11, R12, and the input capacitance of
the TPS2812. These delays allow the power switch to turn off before the synchronous rectifier turns on and vice
versa. Figure 51 shows the delay between the drain of Q2 and the gate of Q1; expanded views are provided in
Figures 52 and 53.
NOTE: If the parasitics of the external circuit cause the voltage to violate the Absolute Maximum Rating for the Output pins,
Schottky diodes should be added from ground to output and from output to VCC.
Figure 48. 3.3-V 3-A Synchronous-Rectified Buck Regulator Circuit
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS2811-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com