Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS2811 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2811
Description  DUAL HIGH-SPEED MOSFET DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2811 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2811 Datasheet HTML 9Page - Texas Instruments TPS2811 Datasheet HTML 10Page - Texas Instruments TPS2811 Datasheet HTML 11Page - Texas Instruments TPS2811 Datasheet HTML 12Page - Texas Instruments TPS2811 Datasheet HTML 13Page - Texas Instruments TPS2811 Datasheet HTML 14Page - Texas Instruments TPS2811 Datasheet HTML 15Page - Texas Instruments TPS2811 Datasheet HTML 16Page - Texas Instruments TPS2811 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
t − Time
TA = 25°C
VI = 14 V
CL = 0
Paralleled Inputs
VO at 2OUT (5 V/div, 5 ns/div)
VO at 1OUT (5 V/div, 5 ns/div)
t − Time
TA = 25°C
VI = 14 V
CL = 0
Paralleled Input
VO at 2OUT (5 V/div, 5 ns/div)
VO at 1OUT (5 V/div, 5 ns/div)
t − Time
TA = 25°C
VI = 14 V
CL = 1 nF Each Output
Paralleled Input
VO at 2OUT
(5 V/div, 10 ns/div)
VO at 1OUT (5 V/div, 10 ns/div)
t − Time
VO at 2OUT (5 V/div, 10 ns/div)
VO at 1OUT
(5 V/div, 10 ns/div)
TA = 25°C
VI = 14 V
CL = 1 nF on Each Output
Paralleled Input
TPS2811-Q1
www.ti.com
SLVSAE0 – JUNE 2010
Figure 21. Voltage of 1OUT vs Voltage at 2OUT,
Figure 22. Voltage at 1OUT vs Voltage at 2OUT,
Low-to-High Output Delay
High-to-Low Output Delay
Figure 23. Voltage at 1OUT vs Voltage at 2OUT,
Figure 24. Voltage at 1OUT vs Voltage at 2OUT,
Low-to-High Output Delay
High-to-Low Output Delay
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS2811-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com