Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC2560BYFVT Datasheet(PDF) 4 Page - Texas Instruments

Part # CC2560BYFVT
Description  CC256x Dual-Mode Bluetooth® Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2560BYFVT Datasheet(HTML) 4 Page - Texas Instruments

  CC2560BYFVT Datasheet HTML 1Page - Texas Instruments CC2560BYFVT Datasheet HTML 2Page - Texas Instruments CC2560BYFVT Datasheet HTML 3Page - Texas Instruments CC2560BYFVT Datasheet HTML 4Page - Texas Instruments CC2560BYFVT Datasheet HTML 5Page - Texas Instruments CC2560BYFVT Datasheet HTML 6Page - Texas Instruments CC2560BYFVT Datasheet HTML 7Page - Texas Instruments CC2560BYFVT Datasheet HTML 8Page - Texas Instruments CC2560BYFVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
CC2560A NRND; CC2564 NRND
4
CC2560A, CC2560B, CC2564, CC2564B
SWRS121E – JULY 2012 – REVISED JANUARY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2560A CC2560B CC2564 CC2564B
Revision History
Copyright © 2012–2016, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 1
1.3
Description
............................................ 2
1.4
Functional Block Diagram
............................ 3
2
Revision History
......................................... 4
3
Device Comparison
..................................... 5
4
Terminal Configuration and Functions
.............. 6
4.1
Pin Attributes
......................................... 7
4.2
Connections for Unused Signals
..................... 8
5
Specifications
............................................ 9
5.1
Absolute Maximum Ratings
.......................... 9
5.2
ESD Ratings
.......................................... 9
5.3
Power-On Hours
...................................... 9
5.4
Recommended Operating Conditions
................ 9
5.5
Power Consumption Summary
...................... 10
5.6
Electrical Characteristics
............................ 11
5.7
Timing and Switching Characteristics
............... 12
6
Detailed Description
................................... 21
6.1
Overview
............................................ 21
6.2
Functional Block Diagram
........................... 21
6.3
Clock Inputs
......................................... 21
6.4
Functional Blocks
.................................... 24
6.5
Bluetooth BR/EDR Features
........................ 34
6.6
Bluetooth LE Description
............................ 35
6.7
Bluetooth Transport Layers
......................... 36
6.8
Changes from CC2560A and CC2564 to CC2560B
and CC2564B Devices
.............................. 36
7
Applications, Implementation, and Layout
........ 37
7.1
Reference Design Schematics and BOM for Power
and Radio Connections
............................. 37
8
Device and Documentation Support
............... 38
8.1
Device Support
...................................... 38
8.2
Documentation Support
............................. 38
8.3
Related Links
........................................ 38
8.4
Community Resources
.............................. 39
8.5
Trademarks
.......................................... 39
8.6
Electrostatic Discharge Caution
..................... 39
8.7
Glossary
............................................. 39
9
Mechanical, Packaging, and Orderable
Information
.............................................. 40
9.1
mrQFN Mechanical Data
............................ 40
9.2
Packaging and Ordering
............................ 42
2
Revision History
Changes from Revision D (January 2014) to Revision E
Page
•
Changed organizational flow of document in compliance with Data Sheet Council standard
.............................. 1
•
Changed document title
............................................................................................................. 1
•
Changed Section 1.1, Features
..................................................................................................... 1
•
Changed Section 1.3, Description
.................................................................................................. 2
•
Changed Device Information table
................................................................................................. 2
•
Added Section 5.2, ESD Ratings
.................................................................................................. 9
•
Changed values for continuous transmission for GFSK and EDR in Section 5.5.1, Static Current Consumption
.... 10
•
Deleted idle mode in Section 5.5.1, Static Current Consumption
............................................................ 10
•
Changed values for average current in Section 5.5.2.2, Current Consumption for Different LE Scenarios
............ 11
•
Added supported crystal frequency in Section 6.3.2.3, Fast Clock Using External Crystal
.............................. 24
•
Changed Section 6.4.4, Assisted Modes (CC2560B and CC2564B Devices)
............................................. 30
•
Added dual channel support in Table 6-5
........................................................................................ 32
•
Added 4, 8. and 12 block lengths in Table 6-7
.................................................................................. 32
•
Added 4 subband support in Table 6-8
........................................................................................... 32
•
Added SNR support in Table 6-9
................................................................................................. 32
•
Added Assisted A2DP sink range of 2–54 in Table 6-10
...................................................................... 32
•
Changed Section 6.5, Bluetooth BR/EDR Description
........................................................................ 34
•
Changed Section 6.6, Bluetooth LE Description
............................................................................... 35
•
Changed Figure 7-1
................................................................................................................. 37
•
Changed description of 0.1-µF and 1.0-µF capacitors and of reference designators C31 and U5 and in Table 7-1
.. 37
•
Changed A1 corner orientation in Figure 9-3
................................................................................... 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com