Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC2560BYFVT Datasheet(PDF) 41 Page - Texas Instruments

Part # CC2560BYFVT
Description  CC256x Dual-Mode Bluetooth® Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2560BYFVT Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC2560BYFVT Datasheet HTML 37Page - Texas Instruments CC2560BYFVT Datasheet HTML 38Page - Texas Instruments CC2560BYFVT Datasheet HTML 39Page - Texas Instruments CC2560BYFVT Datasheet HTML 40Page - Texas Instruments CC2560BYFVT Datasheet HTML 41Page - Texas Instruments CC2560BYFVT Datasheet HTML 42Page - Texas Instruments CC2560BYFVT Datasheet HTML 43Page - Texas Instruments CC2560BYFVT Datasheet HTML 44Page - Texas Instruments CC2560BYFVT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Bottom View
Exposed Thermal Pad Dimensions
NOTE: All linear dimensions are in millimeters
RVM (S-PVQFN-N76)
THERMAL INFORMATION
QFN/SON PCB Attachment, Texas Instruments Literature No. SLUA271. This document is available at www.ti.com.
The exposed thermal pad dimensions for this package are shown in the following illustration.
For information on the Quad Flatpack No-Lead (QFN) package and its advantages, refer to Application Report,
This package incorporates an exposed thermal pad that is designed to be attached directly to an external
heatsink. The thermal pad must be soldered directly to the printed circuit board (PCB). After soldering, the
PCB can be used as a heatsink. In addition, through the use of thermal vias, the thermal pad can be attached
attached to a special heatsink structure designed into the PCB. This design optimizes the heat transfer from the
directly to the appropriate copper plane shown in the electrical schematic for the device, or alternatively, can be
integrated circuit (IC).
PLASTIC QUAD FLATPACK NO-LEAD
4212066/B 12/11
3,30±0,10
3,00±0,10
SWRS115-018
CL-
PKG.
CL-
PAD
0,17
CC2560A NRND; CC2564 NRND
41
CC2560A, CC2560B, CC2564, CC2564B
www.ti.com
SWRS121E – JULY 2012 – REVISED JANUARY 2016
Submit Documentation Feedback
Product Folder Links: CC2560A CC2560B CC2564 CC2564B
Mechanical, Packaging, and Orderable Information
Copyright © 2012–2016, Texas Instruments Incorporated
9.2
Packaging and Ordering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com