Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC101S021CISDX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # ADC101S021CISDX/NOPB
Description  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101S021CISDX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADC101S021CISDX/NOPB Datasheet HTML 11Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 12Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 13Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 14Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 15Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 16Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 17Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 18Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ADC101S021
www.ti.com
SNAS307G – JULY 2005 – REVISED JANUARY 2014
Modes of Operation
The ADC has two possible modes of operation: normal mode, and shutdown mode. The ADC enters normal
mode (and a conversion process is begun) when CS is pulled low. The device will enter shutdown mode if CS is
pulled high before the tenth falling edge of SCLK after CS is pulled low, or will stay in normal mode if CS remains
low. Once in shutdown mode, the device will stay there until CS is brought low again. By varying the ratio of time
spent in the normal and shutdown modes, a system may trade-off throughput for power consumption, with a
sample rate as low as zero.
Normal Mode
The fastest possible throughput is obtained by leaving the ADC in normal mode at all times, so there are no
power-up delays. To keep the device in normal mode continuously, CS must be kept low until after the 10th
falling edge of SCLK after the start of a conversion (remember that a conversion is initiated by bringing CS low).
If CS is brought high after the 10th falling edge, but before the 16th falling edge, the device will remain in normal
mode, but the current conversion will be aborted, and SDATA will return to TRI-STATE (truncating the output
word).
Sixteen SCLK cycles are required to read all of a conversion word from the device. After sixteen SCLK cycles
have elapsed, CS may be idled either high or low until the next conversion. If CS is idled low, it must be brought
high again before the start of the next conversion, which begins when CS is again brought low.
After sixteen SCLK cycles, SDATA returns to TRI-STATE. Another conversion may be started, after tQUIET has
elapsed, by bringing CS low again.
Shutdown Mode
Shutdown mode is appropriate for applications that either do not sample continuously, or it is acceptable to trade
throughput for power consumption. When the ADC is in shutdown mode, all of the analog circuitry is turned off.
To enter shutdown mode, a conversion must be interrupted by bringing CS high anytime between the second
and tenth falling edges of SCLK, as shown in Figure 21. Once CS has been brought high in this manner, the
device will enter shutdown mode, the current conversion will be aborted and SDATA will enter TRI-STATE. If CS
is brought high before the second falling edge of SCLK, the device will not change mode; this is to avoid
accidentally changing mode as a result of noise on the CS line.
Figure 21. Entering Shutdown Mode
Figure 22. Entering Normal Mode
To exit shutdown mode, bring CS back low. Upon bringing CS low, the ADC will begin powering up (power-up
time is specified in the Timing Specifications table). This power-up delay results in the first conversion result
being unusable. The second conversion performed after power-up, however, is valid, as shown in Figure 22.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ADC101S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com