Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC101S021CISDX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # ADC101S021CISDX/NOPB
Description  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101S021CISDX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC101S021CISDX/NOPB Datasheet HTML 12Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 13Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 14Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 15Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 16Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 17Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 18Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 19Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ADC101S021
SNAS307G – JULY 2005 – REVISED JANUARY 2014
www.ti.com
If CS is brought back high before the 10th falling edge of SCLK, the device will return to shutdown mode. This is
done to avoid accidentally entering normal mode as a result of noise on the CS line. To exit shutdown mode and
remain in normal mode, CS must be kept low until after the 10th falling edge of SCLK. The ADC will be fully
powered-up after 16 SCLK cycles.
Power Management
The ADC takes time to power-up, either after first applying VA, or after returning to normal mode from shutdown
mode. This corresponds to one "dummy" conversion for any SCLK frequency within the specifications in this
document. After this first dummy conversion, the ADC will perform conversions properly. Note that the tQUIET time
must still be included between the first dummy conversion and the second valid conversion.
When the VA supply is first applied, the ADC may power up in either of the two modes: normal or shutdown. As
such, one dummy conversion should be performed after start-up, as described in the previous paragraph. The
part may then be placed into either normal mode or the shutdown mode, as described in Sections Normal Mode
and Shutdown Mode.
When the ADC is operated continuously in normal mode, the maximum ensured throughput is fSCLK / 20 at the
maximum specified fSCLK. Throughput may be traded for power consumption by running fSCLK at its maximum
specified rate and performing fewer conversions per unit time, raising the ADC CS line after the 10th and before
the 15th fall of SCLK between conversions. A plot of typical power consumption versus throughput is shown in
the Typical Performance Characteristics section. To calculate the power consumption for a given throughput,
multiply the fraction of time spent in the normal mode by the normal mode power consumption and add the
fraction of time spent in shutdown mode multiplied by the shutdown mode power consumption. Note that the
curve of power consumption vs. throughput is essentially linear. This is because the power consumption in the
shutdown mode is so small that it can be ignored for all practical purposes.
Power Supply Noise Considerations
The charging of any output load capacitance requires current from the power supply, VA. The current pulses
required from the supply to charge the output capacitance will cause voltage variations on the supply. If these
variations are large enough, they could degrade SNR and SINAD performance of the ADC. Furthermore,
discharging the output capacitance when the digital output goes from a logic high to a logic low will dump current
into the die substrate, which is resistive. Load discharge currents will cause "ground bounce" noise in the
substrate that will degrade noise performance if that current is large enough. The larger the output capacitance,
the more current flows through the die substrate and the greater is the noise coupled into the analog channel,
degrading noise performance.
To keep noise out of the power supply, keep the output load capacitance as small as practical. It is good practice
to use a 100
Ω series resistor at the ADC output, located as close to the ADC output pin as practical. This will
limit the charge and discharge current of the output capacitance and maintain noise performance.
REVISION HISTORY
Changes from Revision F (March 2013) to Revision G
Page
•
Changed sentence in the "Using the ADC101S021" section ............................................................................................. 12
Changes from Revision E (March 2013) to Revision F
Page
•
Changed layout of National Data Sheet to TI format .......................................................................................................... 16
16
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: ADC101S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com