Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1610IPAPR.B Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS1610IPAPR.B
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1610IPAPR.B Datasheet HTML 10Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 11Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 12Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 13Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 14Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 15Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 16Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 17Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
www.ti.com
REFERENCE INPUTS (VREFN, VREFP, VMID)
10
µF
22
µF
0.1
µF
22
µF
22
µF
0.1
µF
10
µF
0.1
µF
10
µF
0.1
µF
0.1
µF
VREFP
VREFP
VMID
VCAP
VREFN
VREFN
392
Ω
OPA 2822
A DS1610
0.001
µF
4V
392
Ω
OPA 2822
0.001
µF
1V
392
Ω
OPA 2822
0.001
µF
2.5V
AGND
CLOCK INPUT (CLK)
S
1
ADS1610
S
2
VREFP
50pF
300
Ω
S
1
VREFN
VREFP
VREFN
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
The ADS1610 operates from an external voltage
reference. The reference voltage (Vref) is set by the
differential voltage between VREFN and VREFP: Vref
= (VREFP – VREFN). VREFP and VREFN each use
two pins, which should be shorted together. VMID,
approximately 2.5V, is used by the modulator. VCAP
connects to an internal node and must also be
bypassed with an external capacitor.
The voltages applied to these pins must be within the
values specified in the Electrical Characteristics
table. Typically VREFP = 4V, VMID = 2.5V, and
VREFN = 1V. The external circuitry must be capable
of providing both a DC and a transient current.
Figure 29 shows a simplified diagram of the internal
circuitry of the reference. As with the input circuitry,
switches S1 and S2 open and close as shown in
Figure 26.
Figure 30. Recommended Reference
Buffer Circuit
The ADS1610 uses an external clock signal to be
applied to the CLK input pin. The sampling of the
modulator is controlled by this clock signal. As with
Figure 29. Conceptual Circuitry for the Reference
any high-speed data converter, a high quality clock is
Inputs
essential for optimum performance. Crystal clock
oscillators are the recommended CLK source; other
Figure 30 shows the recommended circuitry for
sources, such as frequency synthesizers may not be
driving these reference inputs. Keep the resistances
adequate. Make sure to avoid excess ringing on the
used in the buffer circuits low to prevent excessive
CLK input; keeping the trace as short as possible will
thermal noise from degrading performance. Layout of
help.
these circuits is critical, make sure to follow good
Measuring high-frequency, large-amplitude signals
high-speed layout practices. Place the buffers and
requires tight control of clock jitter. The uncertainty
especially the bypass capacitors as close to the pins
during sampling of the input from clock jitter limits the
as possible.
maximum achievable SNR. This effect becomes
more pronounced with higher frequency and larger
magnitude
inputs.
The
ADS1610
oversampling
topology reduces clock jitter sensitivity over that of
Nyquist rate converters like pipeline and successive
approximation converters by a factor of
√6.
In order to not limit the ADS1610 SNR performance,
keep the jitter on the clock source below the values
shown in Table 1. When measuring lower frequency
and lower amplitude inputs, more CLK jitter can be
tolerated. In determining the allowable clock source
jitter, select the worst-case input (highest frequency,
largest amplitude) that will be seen in the application.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com