Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1610IPAPR.B Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS1610IPAPR.B
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR.B Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS1610IPAPR.B Datasheet HTML 11Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 12Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 13Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 14Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 15Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 16Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 17Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 18Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.ti.com
DATA FORMAT
OUT-OF-RANGE INDICATION (OTR)
DATA RETRIEVAL
SYNCHRONISING MULTIPLE ADS1610s
) VREF
215 * 1
*VREF
215 * 1
*VREF
215
215 * 1
v *VREF
215
215 * 1
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
The 16-bit output data is in binary two's complement
If the output code on DOUT[15:0] exceeds the
format, as shown in Table 2. When the input is
positive or negative full-scale, the out-of-range digital
positive
out-of-range,
exceeding
the
positive
output (OTR) will go high on the falling edge of
full-scale value of VREF, the output clips to all 7FFFH
DRDY. When the output code returns within the
and the OTR output goes high.
full-scale range, OTR returns low on the falling edge
of DRDY.
Table 1. Maximum Allowable Clock Source Jitter
for Different Input Signal Frequencies and
Amplitude
Data retrieval is controlled through a simple parallel
INPUT SIGNAL
MAXIMUM
interface. The falling edge of the DRDY output
ALLOWABLE
MAXIMUM
MAXIMUM
indicates new data is available. To activate the
CLOCK SOURCE
FREQUENCY
AMPLITUDE
output bus, both CS and RD must be low, as shown
JITTER
in Table 3. Make sure the DOUT bus does not drive
4MHz
–1dB
1.6ps
heavy
loads
(>
20pF),
as
this
will
degrade
4MHz
–20dB
14ps
performance. Use an external buffer when driving an
2MHz
–1dB
3.3ps
edge connector or cables.
2MHz
–20dB
29ps
Table 3. Truth Table for CS and RD
1MHz
–1dB
6.5ps
1MHz
–20dB
58ps
CS
RD
DOUT [15:0]
100kHz
–1dB
65ps
0
0
Active
100kHz
–20dB
581ps
0
1
High impedance
1
0
High impedance
Table 2. Output Code Versus Input Signal
1
1
High impedance
INPUT SIGNAL
IDEAL OUTPUT
OTR
(INP – INN)
CODE(1)
≥ +V
ref (> 0dB)
7FFFH
1
The ADS1610 is asynchronously reset when the
Vref (0dB)
7FFFH
0
SYNC pin is taken low. During reset, all of the digital
0001H
0
circuits are cleared, DOUT[15:0] are forced low, and
DRDY forced high. It is recommended that the SYNC
pin be released on the falling edge of CLK.
0
0000H
0
Afterwards, DRDY goes low on the second rising
FFFFH
0
edge of CLK. Allow 55 DRDY cycles for the digital
filter to settle before retrieving data. See Figure 3 for
8000H
0
the timing specifications.
Reset
can
be
used
to
synchronize
multiple
8000H
1
ADS1610s. All devices to be synchronized must use
a common CLK input. With the CLK inputs running,
(1)Excludes effects of noise, INL, offset and gain errors.
pulse SYNC on the falling edge of CLK, as shown in
Figure
31.
Afterwards,
the
converters
will
be
Likewise, when the input is negative out-of-range by
converting synchronously with the DRDY outputs
going below the negative full-scale value of Vref, the
updating simultaneously. After synchronization, allow
output clips to 8000H and the OTR output goes high.
55 DRDY cycles (t11) for output data to fully settle.
The OTR remains high while the input signal is
out-of-range.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com