Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1232IPW.B Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS1232IPW.B
Description  ADS123x 2- and 4-Channel, 24-Bit, Delta-Sigma ADCs for Bridge Sensors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1232IPW.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS1232IPW.B Datasheet HTML 18Page - Texas Instruments ADS1232IPW.B Datasheet HTML 19Page - Texas Instruments ADS1232IPW.B Datasheet HTML 20Page - Texas Instruments ADS1232IPW.B Datasheet HTML 21Page - Texas Instruments ADS1232IPW.B Datasheet HTML 22Page - Texas Instruments ADS1232IPW.B Datasheet HTML 23Page - Texas Instruments ADS1232IPW.B Datasheet HTML 24Page - Texas Instruments ADS1232IPW.B Datasheet HTML 25Page - Texas Instruments ADS1232IPW.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
7.3.8 Data Rate
The ADS123x data rate is set by the SPEED pin, as shown in Table 7-6. When SPEED is low, the data rate is
nominally 10 SPS. This data rate provides the lowest noise, and also has excellent rejection of both 50-Hz and
60-Hz line-cycle interference. For applications requiring fast data rates, setting SPEED high selects a data rate
of 80 SPS.
Table 7-6. Data Rate Settings
SPEED
PIN
DATA RATE
INTERNAL OSCILLATOR
OR 4.9152-MHz CRYSTAL
EXTERNAL
OSCILLATOR
0
10 SPS
fCLK / 491,520
1
80 SPS
fCLK / 61,440
7.3.9 Data Format
The ADS123x output 24 bits of data in binary two’s complement format. The least significant bit (LSB) has a
weight of 0.5 VREF / (223 – 1). The positive full-scale input produces an output code of 7FFFFFh and the negative
full-scale input produces an output code of 800000h. The output clips at these codes for signals exceeding
full-scale. Table 7-7 summarizes the ideal output codes for different input signals.
Table 7-7. Ideal Output Code Versus Input Signal (1)
INPUT SIGNAL VIN
(AINP – AINN)
IDEAL OUTPUT CODE
≥ 0.5 VREF / Gain
7FFFFFh
(0.5 VREF / Gain) / (223 – 1)
000001h
0
000000h
(–0.5 VREF / Gain) / (223 – 1)
FFFFFFh
≤ –0.5 VREF / Gain
800000h
(1)
Excludes effects of noise, INL, offset, and gain errors.
7.3.10 Data Ready and Data Output (DRDY/DOUT)
This digital output pin serves two purposes. First, DRDY/DOUT indicates when new data are ready by going low.
Afterwards, on the first rising edge of SCLK, the DRDY/DOUT pin changes function and begins outputting the
conversion data, most significant bit (MSB) first. Data are shifted out on each subsequent SCLK rising edge.
After all 24 bits have been retrieved, the pin can be forced high with an additional SCLK. DRDY/DOUT then
remains high until new data are ready. This configuration is useful when polling on the status of DRDY/DOUT to
determine when to begin data retrieval.
7.3.11 Serial Clock Input (SCLK)
This digital input shifts serial data out with each rising edge. This input has built-in hysteresis, but care must be
taken to ensure a clean signal. Glitches or slow-rising signals can cause unwanted additional shifting. For this
reason, make sure the rise-and-fall times of SCLK are less than 50 ns.
ADS1232, ADS1234
SBAS350H – JUNE 2005 – REVISED JUNE 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADS1232 ADS1234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com