Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1232IPW.B Datasheet(PDF) 29 Page - Texas Instruments

Part # ADS1232IPW.B
Description  ADS123x 2- and 4-Channel, 24-Bit, Delta-Sigma ADCs for Bridge Sensors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1232IPW.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS1232IPW.B Datasheet HTML 25Page - Texas Instruments ADS1232IPW.B Datasheet HTML 26Page - Texas Instruments ADS1232IPW.B Datasheet HTML 27Page - Texas Instruments ADS1232IPW.B Datasheet HTML 28Page - Texas Instruments ADS1232IPW.B Datasheet HTML 29Page - Texas Instruments ADS1232IPW.B Datasheet HTML 30Page - Texas Instruments ADS1232IPW.B Datasheet HTML 31Page - Texas Instruments ADS1232IPW.B Datasheet HTML 32Page - Texas Instruments ADS1232IPW.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
8.2.1 Design Requirements
Table 8-1 summarizes the design performance goals. Table 8-2 summarizes the system design parameters.
Table 8-1. Design Goals
DESIGN GOAL
VALUE
Noise-free resolution
80,000 counts / 130,000 counts (post averaging)
Sample rate
10 SPS
Input step settling time
500 ms / 900 ms (post averaging)
50-Hz and 60-Hz noise rejection
>100 dB
Table 8-2. Design Parameters
DESIGN PARAMETERS
DESIGN VALUE
Bridge resistance
1 kΩ
Bridge excitation voltage
5 V
Load cell sensitivity
2 mV/V
Bridge full-scale output
10 mV
ADC analog power supply
5 V
Host controller and ADC digital power supply
3 V
8.2.2 Detailed Design Procedure
Common performance metrics of a weigh scale are noise-free resolution (or counts) and offset and gain stability
(drift) after calibrating the weigh scale. Table 6-1 to Table 6-4 illustrate ADC noise performance expressed as an
input-referred quantity over gain, data rate, and analog supply voltage.
In this design example, the ADC analog supply voltage (5 V) is used as the bridge excitation voltage. 5-V
excitation optimizes the bridge signal output compared to 3-V excitation and also has the benefit of optimizing
the ADC conversion noise. Gain = 128 is selected because it also provides optimal noise performance. The
front end circuitry of the ADC easily accommodates the 10-mV bridge output. In summary, the ADC configuration
that yields the highest resolution while achieving the sample rate and settling time requirements is AVDD = 5 V,
bridge excitation = 5 V, gain = 128, and sample rate = 10 SPS.
Signal-to-noise performance is improved by using a higher gauge-factor bridge (example 3 mV/V bridge), or
by increasing the excitation voltage. If the excitation voltage > 5 V, a voltage divider is required to reduce the
voltage at the ADC reference inputs.
Noise-free counts are improved by post averaging the data (for example, a moving-average filter performed in
the microcontroller). A moving average filter reduces noise by a factor of √N, where N is the number of readings
averaged. However, a moving average filter increases the input step settling time due to the latency caused by
averaging.
The other key performance attributes are DC offset and gain drift, and 50-Hz and 60-Hz noise rejection. Figure
5-14 and Figure 5-16 illustrate the distributions of offset and gain drift performance. 50-Hz and 60-Hz noise
rejection is described in Figure 7-6. The ADC provides over 100-dB rejection with ±3% variation of the ADC
clock frequency.
8.2.3 Application Curves
To evaluate the ADC's noise performance, four fixed-value, 1-kΩ low-drift precision resistors are connected in a
bridge arrangement to simulate a bridge sensor. The simulator provides the same thermal noise generated by
a physical bridge. One of the four bridge resistors is modified to 1.008 kΩ in order to provide a 10-mV output
signal. The 10-mV signal is typical of a 2-mV/V load cell using 5-V excitation.
www.ti.com
ADS1232, ADS1234
SBAS350H – JUNE 2005 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ADS1232 ADS1234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com