Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5542IPAP Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS5542IPAP
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAP Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5542IPAP Datasheet HTML 10Page - Texas Instruments ADS5542IPAP Datasheet HTML 11Page - Texas Instruments ADS5542IPAP Datasheet HTML 12Page - Texas Instruments ADS5542IPAP Datasheet HTML 13Page - Texas Instruments ADS5542IPAP Datasheet HTML 14Page - Texas Instruments ADS5542IPAP Datasheet HTML 15Page - Texas Instruments ADS5542IPAP Datasheet HTML 16Page - Texas Instruments ADS5542IPAP Datasheet HTML 17Page - Texas Instruments ADS5542IPAP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
www.ti.com
0
−20
−40
−60
−80
−100
−120
0
5
15
25
35
10
20
30
40
SFDR = 88.6dBc
SNR = 71.9dBFS
THD = 81.2dBc
SINAD = 71.8dBFS
f
− Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
5
15
25
35
10
20
30
40
SFDR = 78.4dBc
SNR = 70.7dBFS
THD = 75.8dBc
SINAD = 69.8dBFS
f
− Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
5
15
25
35
10
20
30
40
SFDR = 68.4dBc
SNR = 68.5dBFS
THD = 68.2dBc
SINAD = 65.8dBFS
f
− Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
5
15
25
35
10
20
30
40
f1 = 10.1MHz (
−7dBFS)
f2 = 15.1MHz (
−7dBFS)
2−Tone SFDR = 92.8dBc
f
− Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
5
15
25
35
10
20
30
40
f1 = 45.1MHz (
−7dBFS)
f2 = 50.1MHz (
−7dBFS)
2−Tone SFDR = 91.6dBc
f
− Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
5
15
25
35
10
20
30
40
f1 = 50.1MHz (
−7dBFS)
f2 = 55.1MHz (
−7dBFS)
2−Tone SFDR = 91.4dBc
f
− Frequency − MHz
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = –1dBFS, sampling rate = 80 MSPS
and 3-V differential clock, unless otherwise noted
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 150 MHz Input Signal)
(FFT for 220 MHz Input Signal)
Figure 11.
Figure 12.
SPECTRAL PERFORMANCE
(FFT for 300 MHz Input Signal)
TWO-TONE INTERMODULATION
Figure 13.
Figure 14.
TWO-TONE INTERMODULATION
TWO-TONE INTERMODULATION
Figure 15.
Figure 16.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com