Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5542IPAP Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS5542IPAP
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAP Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5542IPAP Datasheet HTML 14Page - Texas Instruments ADS5542IPAP Datasheet HTML 15Page - Texas Instruments ADS5542IPAP Datasheet HTML 16Page - Texas Instruments ADS5542IPAP Datasheet HTML 17Page - Texas Instruments ADS5542IPAP Datasheet HTML 18Page - Texas Instruments ADS5542IPAP Datasheet HTML 19Page - Texas Instruments ADS5542IPAP Datasheet HTML 20Page - Texas Instruments ADS5542IPAP Datasheet HTML 21Page - Texas Instruments ADS5542IPAP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
63
64
65
65
66
66
66
64
62
66
67
67
68
68
69
69
69
69
70
70
70
71
71
71
72
72
72
73
73
73
70
68
70
72
74
74
74
74
50
100
150
200
250
300
10
20
30
40
50
60
70
80
90
100
Input Frequency (MHz)
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
Typical values given at T
A = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1dBFS, and 3-V differential clock,
unless otherwise noted
SIGNAL-TO-NOISE RATIO (SNR)
Figure 35.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com