Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCE925PWRG4.B Datasheet(PDF) 20 Page - Texas Instruments

Part # CDCE925PWRG4.B
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWRG4.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCE925PWRG4.B Datasheet HTML 16Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 17Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 18Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 19Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 20Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 21Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 22Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 23Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Xin
Xout
Vctr
VCXO
XO
20pF
20pF
i.e.
XCSEL =10pF
20
CDCE925, CDCEL925
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table 9. Generic Configuration Register (continued)
OFFSET
(1)
BIT
(2)
ACRONYM
DEFAULT
(3)
DESCRIPTION
(6)
Selection of control pins is effective only if written into the EEPROM. Once written into the EEPROM, the serial programming pins are no
longer available. However, if VDDOUT is forced to GND, the two control pins, S1 and S2, temporally act as serial programming pins
(SDA/SCL), and the two slave receiver address bits are reset to A0 = 0 and A1 = 0.
(7)
These are the bits of the control terminal register. The user can predefine up to eight different control settings. These settings then can
be selected by the external control pins, S0, S1, and S2.
(8)
The internal load capacitor (C1, C2) must be used to achieve the best clock performance. External capacitors must be used only to
finely adjust CL by a few picofarads. The value of CL can be programmed with a resolution of 1 pF for a crystal load range of 0 pF to 20
pF. For CL > 20 pF, use additional external capacitors. Also, the value of the device input capacitance has to be considered which
always adds 1.5 pF (6 pF/2 pF) to the selected CL. For more information about VCXO configuration and crystal recommendation, see
VCXO Application Guideline for CDCE(L)9xx Family (SCAA085).
(9)
Note: The EEPROM WRITE bit must be sent last. This ensures that the content of all internal registers are stored in the EEPROM. The
EEWRITE cycle is initiated with the rising edge of the EEWRITE bit. A static level-high does not trigger an EEPROM WRITE cycle. The
EEWRITE bit must be reset to low after the programming is completed. The programming status can be monitored by reading out
EEPIP. If EELOCK is set to high, no EEPROM programming is possible.
(1)
Writing data beyond 30h may adversely affect device function.
(2)
All data is transferred MSB-first.
(3)
Unless a custom setting is used
(4)
The user can predefine up to eight different control settings. In normal device operation, these settings can be selected by the external
control pins, S0, S1, and S2.
02h
7
M1
1b
Clock source selection for output Y1:
0 – Input clock
1 – PLL1 clock
6
SPICON
0b
Operation mode selection for pins 14/15
(6)
0 – Serial programming interface SDA (pin 15) and SCL (pin 14)
1 – Control pins S1 (pin 15) and S2 (pin 14)
5:4
Y1_ST1
11b
Y1-State0/1 definition00 – Device power down (all PLLs in power down and all outputs in high-impedance state)
01 – Y1 disabled to high-impedance state 10 – Y1 disabled to low
11 – Y1 enabled
3:2
Y1_ST0
01b
1:0
Pdiv1 [9:8]
001h
10-bit Y1-Output-Divider Pdiv1:
0 – Divider is reset and in standby
1 to 1023 – Divider value
03h
7:0
Pdiv1 [7:0]
04h
7
Y1_7
0b
Y1_ST0/Y1_ST1 State Selection
(7)
6
Y1_6
0b
0 – State0 (predefined by Y1_ST0)
1 – State1 (predefined by Y1_ST1)
5
Y1_6
0b
4
Y1_6
0b
3
Y1_6
0b
2
Y1_6
0b
1
Y1_6
0b
0
Y1_6
0b
05h
7:3
XCSEL
0Ah
Crystal load-capacitor selection
(8)
00h – 0 pF
01h – 1 pF
02h – 2 pF
:
14h to 1Fh – 20 pF
2:0
0b
Reserved – do not write other than 0.
06h
7:1
BCOUNT
30h
7-bit byte count (defines the number of bytes which is sent from this device at the next Block Read transfer); all bytes must
be read out to correctly finish the read cycle.
0
EEWRITE
0b
Initiate EEPROM write cycle
(9)
0 – No EEPROM write cycle
1 – Start EEPROM write cycle (internal registers are saved to the EEPROM)
07h-0Fh
—
0h
Reserved – do not write other than 0
Table 10. PLL1 Configuration Register
OFFSET(1)
BIT(2)
ACRONYM
DEFAULT(3)
DESCRIPTION
10h
7:5
SSC1_7 [2:0]
000b
SSC1: PLL1 SSC selection (modulation amount). (4)
4:2
SSC1_6 [2:0]
000b
Down
000 (Off)
001 – 0.25%
010 – 0.5%
011 – 0.75%
100 – 1.0%
101 – 1.25%
110 – 1.5%
111 – 2.0%
Center
000 (Off)
001 ± 0.25%
010 ± 0.5%
011 ± 0.75%
100 ± 1.0%
101 ± 1.25%
110 ± 1.5%
111 ± 2.0%
1:0
SSC1_5 [2:1]
000b
11h
7
SSC1_5 [0]
6:4
SSC1_4 [2:0]
000b
3:1
SSC1_3 [2:0]
000b
0
SSC1_2 [2]
000b
12h
7:6
SSC1_2 [1:0]
5:3
SSC1_1 [2:0]
000b
2:0
SSC1_0 [2:0]
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com