Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCE925PWRG4.B Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCE925PWRG4.B
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWRG4.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCE925PWRG4.B Datasheet HTML 5Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 6Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 7Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 8Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 9Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 10Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 11Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 12Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
CDCE925, CDCEL925
www.ti.com
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Timing Requirements: SDA/SCL (continued)
over operating free-air temperature range (unless otherwise noted; see Figure 8)
MIN
NOM
MAX
UNIT
tr
SCL/SDA input rise time
Standard mode
1000
ns
Fast mode
300
tf
SCL/SDA input fall time, standard and fast mode
300
ns
tsu(STOP)
STOP setup time
Standard mode
4
µs
Fast mode
0.6
tBUS
Bus free time between a STOP and START condition
Standard mode
4.7
µs
Fast mode
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com