Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS2L25UF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPS2L25UF
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L25UF Datasheet(HTML) 7 Page - STMicroelectronics

  STPS2L25UF Datasheet HTML 1Page - STMicroelectronics STPS2L25UF Datasheet HTML 2Page - STMicroelectronics STPS2L25UF Datasheet HTML 3Page - STMicroelectronics STPS2L25UF Datasheet HTML 4Page - STMicroelectronics STPS2L25UF Datasheet HTML 5Page - STMicroelectronics STPS2L25UF Datasheet HTML 6Page - STMicroelectronics STPS2L25UF Datasheet HTML 7Page - STMicroelectronics STPS2L25UF Datasheet HTML 8Page - STMicroelectronics STPS2L25UF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STPS2L25
Package information
7/9
Figure 17.
SMB Flat footprint (dimensions in mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 5.
SMB Flat dimensions
Ref.
Dimensions
Millimeters
Inches
Min. Typ. Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.043
b(1)
1.
Applies to plated leads
1.95
2.20
0.077
0.087
c(1)
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.200
0.220
E1
4.05
4.60
0.189
0.181
L
0.75
1.50
0.029
0.059
L1
0.40
0.016
L2
0.60
0.024
D
A
L
L
L1
L2
E E1
b
c
1.20
1.20
3.44
5.84
2.07



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com