Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS2L25UF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2L25UF
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L25UF Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2L25UF Datasheet HTML 1Page - STMicroelectronics STPS2L25UF Datasheet HTML 2Page - STMicroelectronics STPS2L25UF Datasheet HTML 3Page - STMicroelectronics STPS2L25UF Datasheet HTML 4Page - STMicroelectronics STPS2L25UF Datasheet HTML 5Page - STMicroelectronics STPS2L25UF Datasheet HTML 6Page - STMicroelectronics STPS2L25UF Datasheet HTML 7Page - STMicroelectronics STPS2L25UF Datasheet HTML 8Page - STMicroelectronics STPS2L25UF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS2L25
4/9
Figure 7.
Normalized avalanche power
derating versus junction
temperature
Figure 8.
Relative variation of thermal
impedance junction to ambient
versus pulse duration - SMB
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
T
δ=tp/T
tp
t (s)
p
Single pulse
SMB
Figure 9.
Relative variation of thermal
impedance junction to lead
versus pulse duration - SMB flat
Figure 10.
Reverse leakage current versus
reverse voltage applied (typical
values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z/R
th(j-l)
th(j-l)
t (s)
p
Single pulse
SMB flat
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
I (mA)
R
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =25°C
j
Figure 11.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 12.
Forward voltage drop versus
forward current (typical values)
10
100
1000
1
10
100
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0.1
1.0
10.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
I
(A)
FM
V
(V)
FM
T =25°C
j
T =125°C
j
T =150°C
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com