Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8545ATT/AJ Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8545ATT/AJ
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/AJ Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8545ATT/AJ Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 13Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 14Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 15Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 16Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 17Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 18Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 19Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
16 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
[1]
Default value.
Remark: Data pointer values outside of the valid range are ignored and no RAM content
is transferred until a valid data pointer value is set.
Filling of the display RAM is described in Section 8.9.
8.1.9 Command: write-RAM-data
This command initiates the transfer of data to the display RAM. Data is written into the
address defined by the load-data-pointer command. RAM filling is described in
Section 8.9.
[1]
For this command to be effective bit RS[1:0] of the control byte has to be set logic 01, see Table 25 on
page 36.
8.2 Start-up and shut-down
8.2.1 Reset and Power-On Reset (POR)
After a reset and at power-on the PCF8545 resets to starting conditions as follows:
1. The display is disabled.
2. All backplane outputs are set to VSS.
3. All segment outputs are set to VSS.
4. Selected drive mode is: 1:8 with 1⁄4 bias.
5. The data pointers are cleared (set logic 0).
6. RAM data is not initialized. Its content can be considered to be random.
7. The internal oscillator is running; no clock signal is available on pin OSCCLK; pin
OSCCLK is in 3-state.
The reset state is as shown in Table 21.
Table 19.
Load-data-pointer - load data pointer command bit description
Bit
Symbol
Value
Description
7 to 6
-
10
fixed value
Multiplex drive mode 1:8
5 to 0
DP[5:0]
000000[1] to
100111
6-bit binary value of 0 to 39
Multiplex drive mode 1:6
5 to 0
DP[5:0]
000000[1] to
101001
6-bit binary value of 0 to 41
Multiplex drive mode 1:4
5 to 0
DP[5:0]
000000[1] to
101011
6-bit binary value of 0 to 43
Table 20.
Write-RAM-data - write RAM data command bit description[1]
Bit
Symbol
Value
Description
7 to 0
D[7:0]
00000000 to
11111111
writing data byte-wise to RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com