Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8545ATT/AJ Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF8545ATT/AJ
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/AJ Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF8545ATT/AJ Datasheet HTML 46Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 47Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 48Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 49Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 50Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 51Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 52Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 53Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
50 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
14. Dynamic characteristics
[1]
Frequency present on OSCCLK with default display frequency division factor.
Table 34.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 5.5 V; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
output on pin
OSCCLK; VDD =3.3 V
[1] 7800
9600
11040
Hz
fclk(ext)
external clock frequency
EFR = 0
-
-
250000
Hz
t(RESET_N)
RESET_N pulse width
LOW time
400
-
-
ns
External clock source used on pin OSCCLK
tclk(H)
clock HIGH time
33
-
-
s
tclk(L)
clock LOW time
33
-
-
s
(1)
40 C.
(2) 25
C.
(3) 85
C.
Fig 40. Typical clock frequency with respect to VDD and temperature
External clock source used on pin OSCCLK.
Fig 41. Driver timing waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com