Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G030K8 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32G030K8
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030K8 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32G030K8 Datasheet HTML 60Page - STMicroelectronics STM32G030K8 Datasheet HTML 61Page - STMicroelectronics STM32G030K8 Datasheet HTML 62Page - STMicroelectronics STM32G030K8 Datasheet HTML 63Page - STMicroelectronics STM32G030K8 Datasheet HTML 64Page - STMicroelectronics STM32G030K8 Datasheet HTML 65Page - STMicroelectronics STM32G030K8 Datasheet HTML 66Page - STMicroelectronics STM32G030K8 Datasheet HTML 67Page - STMicroelectronics STM32G030K8 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
Electrical characteristics
STM32G030x6/x8
64/94
DS12991 Rev 1
01
Fmax
Maximum frequency
C=50 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
10
MHz
C=50 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
2
C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
15
C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
2.5
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
30
ns
C=50 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
60
C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
15
C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
30
10
Fmax
Maximum frequency
C=50 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
30
MHz
C=50 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
15
C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
60
C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
30
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
11
ns
C=50 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
22
C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
4
C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
8
11
Fmax
Maximum frequency
C=30 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
60
MHz
C=30 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
30
C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
80(3)
C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
40
Tr/Tf
Output rise and fall time
C=30 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
5.5
ns
C=30 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
11
C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
2.5
C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V
-
5
Fm+
Fmax
Maximum frequency
C=50 pF, 1.6 V ≤ VDDIO1 ≤ 3.6 V
-1
MHz
Tf
Output fall time(4)
-5
ns
1. The I/O speed is configured using the OSPEEDRy[1:0] bits. The Fm+ mode is configured in the SYSCFG_CFGR1 register.
Refer to the RM0454 reference manual for a description of GPIO Port configuration register.
2. Guaranteed by design.
3. This value represents the I/O capability but the maximum system frequency is limited to 64 MHz.
4. The fall time is defined between 70% and 30% of the output waveform, according to I2C specification.
Table 51. I/O AC characteristics(1)(2) (continued)
Speed Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com