Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G030K8 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32G030K8
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030K8 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32G030K8 Datasheet HTML 21Page - STMicroelectronics STM32G030K8 Datasheet HTML 22Page - STMicroelectronics STM32G030K8 Datasheet HTML 23Page - STMicroelectronics STM32G030K8 Datasheet HTML 24Page - STMicroelectronics STM32G030K8 Datasheet HTML 25Page - STMicroelectronics STM32G030K8 Datasheet HTML 26Page - STMicroelectronics STM32G030K8 Datasheet HTML 27Page - STMicroelectronics STM32G030K8 Datasheet HTML 28Page - STMicroelectronics STM32G030K8 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
DS12991 Rev 1
25/94
STM32G030x6/x8
Functional overview
28
Features of the RTC:
•
Calendar with subsecond, seconds, minutes, hours (12 or 24 format), week day, date,
month, year, in BCD (binary-coded decimal) format
•
Automatic correction for 28, 29 (leap year), 30, and 31 days of the month
•
Programmable alarm
•
On-the-fly correction from 1 to 32767 RTC clock pulses, usable for synchronization with
a master clock
•
Reference clock detection - a more precise second-source clock (50 or 60 Hz) can be
used to improve the calendar precision
•
Digital calibration circuit with 0.95 ppm resolution, to compensate for quartz crystal
inaccuracy
•
Two anti-tamper detection pins with programmable filter
•
Timestamp feature to save a calendar snapshot, triggered by an event on the
timestamp pin, a tamper event or by switching to VBAT mode
•
17-bit auto-reload wakeup timer (WUT) for periodic events, with programmable
resolution and period
•
Multiple clock sources and references:
–
A 32.768 kHz external crystal (LSE)
–
An external resonator or oscillator (LSE)
–
The internal low-power RC oscillator (LSI, with typical frequency of 32 kHz)
–
The high-speed external clock (HSE) divided by 32
When clocked by LSE, the RTC operates in VBAT mode and in all low-power modes. When
clocked by LSI, the RTC does not operate in VBAT mode, but it does in low-power modes.
All RTC events (Alarm, WakeUp Timer, Timestamp or Tamper) can generate an interrupt
and wake the device up from the low-power modes.
The backup registers allow keeping 20 bytes of user application data in the event of VDD
failure, if a valid backup supply voltage is provided on VBAT pin. They are not affected by
the system reset, power reset, and upon the device’s wakeup from Standby mode.
3.17
Inter-integrated circuit interface (I2C)
The device embeds two I2C peripherals. Refer to Table 8 for the features.
The I2C-bus interface handles communication between the microcontroller and the serial
I2C-bus. It controls all I2C-bus-specific sequencing, protocol, arbitration and timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com