Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2830XMFX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2830XMFX/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMFX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2830XMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 9Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 10Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 11Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 12Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
0
0
VIN
VD
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
IPK
SW
Voltage
LM2830, LM2830-Q1
www.ti.com
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
7 Detailed Description
7.1 Overview
The LM2830 device is a constant frequency PWM buck regulator IC that delivers a 1.0-A load current. The
regulator has a preset switching frequency of 1.6 MHz or 3.0 MHz. This high frequency allows the LM2830
device to operate with small surface-mount capacitors and inductors, resulting in a DC-DC converter that
requires a minimum amount of board space. The LM2830 device is internally compensated, so it is simple to use
and requires few external components. The LM2830 device uses current-mode control to regulate the output
voltage.
The following operating description of the LM2830 device will refer to the Simplified Block Diagram (Functional
Block Diagram) and to the waveforms in Figure 18. The LM2830 device supplies a regulated output voltage by
switching the internal PMOS control switch at constant frequency and variable duty cycle. A switching cycle
begins at the falling edge of the reset pulse generated by the internal oscillator. When this pulse goes low, the
output control logic turns on the internal PMOS control switch. During this on-time, the SW pin voltage (VSW)
swings up to approximately VIN, and the inductor current (IL) increases with a linear slope. IL is measured by the
current sense amplifier, which generates an output proportional to the switch current. The sense signal is
summed with the regulator’s corrective ramp and compared to the error amplifier’s output, which is proportional
to the difference between the feedback voltage and VREF. When the PWM comparator output goes high, the
output switch turns off until the next switching cycle begins. During the switch off-time, inductor current
discharges through the Schottky catch diode, which forces the SW pin to swing below ground by the forward
voltage (VD) of the Schottky catch diode. The regulator loop adjusts the duty cycle (D) to maintain a constant
output voltage.
Figure 18. Typical Waveforms
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com