Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2830XMFX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2830XMFX/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMFX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2830XMFX/NOPB Datasheet HTML 1Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 2Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 3Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 4Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
GND
FB
EN
VIN
SW
VIN = 5V
C1
R3
D1
L1
R2
R1
C2
C3
VO = 3.3V @ 1.0A
LM2830
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
1 Features
3 Description
The
LM2830
regulator
is
a
monolithic,
high-
1
•
LM2830Z-Q1 and LM2830X-Q1 in the SOT-23
frequency, PWM step-down DC-DC converter in a 5-
Package are Automotive-Grade Products that are
pin SOT-23 and a 6-Pin WSON package. The device
AEC-Q100 Grade 1 Qualified (–40°C to +125°C
provides all the active functions to provide local DC-
Operating Junction Temperature)
DC conversion with fast transient response and
•
Space-Saving SOT-23 Package
accurate regulation in the smallest possible PCB
area. With a minimum of external components, the
•
Input Voltage Range of 3.0 V to 5.5 V
LM2830 regulator is easy to use. The ability to drive
•
Output Voltage Range of 0.6 V to 4.5 V
1.0-A loads with an internal 130-m
Ω PMOS switch
•
1.0-A Output Current
using state-of-the-art 0.5-µm BiCMOS technology
•
High Switching Frequencies
results in the best power density available. The world-
class control circuitry allows on-times as low as 30
–
1.6 MHz (LM2830X)
ns, thus supporting exceptionally high frequency
–
3.0 MHz (LM2830Z)
conversion over the entire 3-V to 5.5-V input
•
130-m
Ω PMOS Switch
operating range down to the minimum output voltage
of 0.6 V. Switching frequency is internally set to 1.6
•
0.6-V, 2% Internal Voltage Reference
MHz, or 3.0 MHz, allowing the use of extremely small
•
Internal Soft-Start
surface-mount inductors and chip capacitors. Even
•
Current Mode, PWM Operation
though the operating frequency is high, efficiencies
up to 93% are easy to achieve. External shutdown is
•
Thermal Shutdown
included, featuring an ultra-low standby current of 30
•
Overvoltage Protection
nA. The LM2830 regulator uses current-mode control
and
internal
compensation
to
provide
high-
2 Applications
performance
regulation
over
a
wide
range
of
operating
conditions.
Additional
features
include
•
Local 5-V to Vcore Step-Down Converters
internal soft-start circuitry to reduce inrush current,
•
Core Power in HDDs
pulse-by-pulse current limit, thermal shutdown, and
•
Set-Top Boxes
output overvoltage protection.
•
USB Powered Devices
Device Information(1)
•
DSL Modems
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Automotive
SOT (5)
2.90 mm × 1.60 mm
LM2830
WSON (6)
3.00 mm × 3.00 mm
LM2830-Q1
SOT (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Circuit
Efficiency vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2830XMFX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2830XMFX/NOPB TI-LM2830XMFX/NOPB Datasheet
1Mb / 37P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
More results

Similar Description - LM2830XMFX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com