Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3445M/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LM3445M/NOPB
Description  LM3445 TRIAC Dimmable Offline LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3445M/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM3445M/NOPB Datasheet HTML 22Page - Texas Instruments LM3445M/NOPB Datasheet HTML 23Page - Texas Instruments LM3445M/NOPB Datasheet HTML 24Page - Texas Instruments LM3445M/NOPB Datasheet HTML 25Page - Texas Instruments LM3445M/NOPB Datasheet HTML 26Page - Texas Instruments LM3445M/NOPB Datasheet HTML 27Page - Texas Instruments LM3445M/NOPB Datasheet HTML 28Page - Texas Instruments LM3445M/NOPB Datasheet HTML 29Page - Texas Instruments LM3445M/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
VBUCK(MIN) =
2
90
2
x SIN(135
o)
= 45V
VBUCK(MIN) =
2
VAC-RMS(MIN)
#stages
x SIN(T)
VAC-RMS-PK 2 x SIN(T)
VAC-RMS-PK 2
VAC
t
135°
90°
45°
VPEAK
LM3445
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
www.ti.com
Application Information (continued)
8.1.6.2 Determining Maximum Number of Series Connected LEDs Allowed
The LM3445 is an off-line buck topology LED driver. A buck converter topology requires that the input voltage
(VBUCK) of the output circuit must be greater than the voltage of the LED stack (VLED) for proper regulation. One
must determine what the minimum voltage observed by the buck converter will be before the maximum number
of LEDs allowed can be determined. Two variables will have to be determined in order to accomplish this.
1. AC line operating voltage. This is usually 90 VAC to 135 VAC for North America. Although the LM3445 can
operate at much lower and higher input voltages a range is needed to illustrate the design process.
2. How many stages are implemented in the valley-fill circuit (1, 2 or 3).
In this example the most common valley-fill circuit will be used (two stages).
Figure 27. AC Line with Firing Angles
Figure 28 shows three TRIAC dimmed waveforms. One can easily see that the peak voltage (VPEAK) from 0° to
90° will always be:
(27)
Once the TRIAC is firing at an angle greater than 90° the peak voltage will lower and equal to Equation 28.
(28)
The voltage at VBUCK with a valley fill stage of two will look similar to the waveforms of Figure 29.
The purpose of the valley fill circuit is to allow the buck converter to pull power directly off of the AC line when
the line voltage is greater than its peak voltage divided by two (two stage valley fill circuit). During this time, the
capacitors within the valley fill circuit (C7 and C8) are charged up to the peak of the AC line voltage. Once the
line drops below its peak divided by two, the two capacitors are placed in parallel and deliver power to the buck
converter. One can now see that if the peak of the AC line voltage is lowered due to variations in the line voltage,
or if the TRIAC is firing at an angle above 90°, the DC offset (VDC) will lower. VDC is the lowest value that voltage
VBUCK will encounter.
(29)
Example:
Line voltage = 90 VAC to 135 VAC
Valley-Fill = two stage
(30)
26
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com