Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3445M/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3445M/NOPB
Description  LM3445 TRIAC Dimmable Offline LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3445M/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3445M/NOPB Datasheet HTML 3Page - Texas Instruments LM3445M/NOPB Datasheet HTML 4Page - Texas Instruments LM3445M/NOPB Datasheet HTML 5Page - Texas Instruments LM3445M/NOPB Datasheet HTML 6Page - Texas Instruments LM3445M/NOPB Datasheet HTML 7Page - Texas Instruments LM3445M/NOPB Datasheet HTML 8Page - Texas Instruments LM3445M/NOPB Datasheet HTML 9Page - Texas Instruments LM3445M/NOPB Datasheet HTML 10Page - Texas Instruments LM3445M/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
VBUCK (V)
1.50
1.25
1.00
0.75
0.50
0.25
0
50
100
150
200
3 LEDs
5 LEDs
7 LEDs
9 LEDs
Series
connected LEDs
LEADING EDGE BLANKING (ns)
15.0
10.0
5.0
0.0
80
100
120
140
160
180
Room (25°C)
Hot (125°C)
Cold (-40°C)
100 units tested
200.0
190.0
180.0
170.0
160.0
150.0
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
1.29
1.28
1.27
1.26
1.25
-50
-25
0
25
50
75
100 125 150
OFF Threshold at C11
TEMPERATURE (°C)
LM3445
www.ti.com
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
Figure 5. Min On-Time (tON) vs Temperature
Figure 6. Off Threshold (C11) vs Temperature
Figure 7. Normalized Variation in fSW over VBUCK Voltage
Figure 8. Leading Edge Blanking Variation Over
Temperature
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com