Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3445MM/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3445MM/NOPB
Description  LM3445 TRIAC Dimmable Offline LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3445MM/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3445MM/NOPB Datasheet HTML 17Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 18Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 19Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 20Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 21Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 22Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 23Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 24Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
VLED
= K u D
VBUCK
D
tON
fSW =
, and
1 - D
tOFF
fSW =
1
tOFF + tON
fSW =
D =
tON
tON + tOFF
=
VLED
VBUCK
'¶ =
tOFF
tON + tOFF
tOFF = C11 x 1.276V x
R4
VLED
dv
i = C dt
= D
1
K
VLED
VBUCK
u
= D =
tON
tON + tOFF
= tON x fSW
VLED
VBUCK
LM3445
www.ti.com
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Determining Duty-Cycle (D)
As shown in Equation 4, duty cycle (D) approximately equals:
(4)
With efficiency considered:
(5)
For simplicity, choose efficiency between 75% and 85%.
8.1.2 Calculating Off-Time
The Off-Time of the LM3445 is set by the user and remains fairly constant as long as the voltage of the LED
stack remains constant. Calculating the off-time is the first step in determining the switching frequency of the
converter, which is integral in determining some external component values.
PNP transistor Q3, resistor R4, and the LED string voltage define a charging current into capacitor C11. A
constant current into a capacitor creates a linear charging characteristic, as shown in Equation 6.
(6)
Resistor R4, capacitor C11 and the current through resistor R4 (iCOLL), which is approximately equal to VLED/R4,
are all fixed. Therefore, dv is fixed and linear, and dt (tOFF) can now be calculated.
(7)
Equation 8 shows common equations for determining duty cycle and switching frequency in any buck converter.
(8)
Therefore:
(9)
With efficiency of the buck converter in mind, as shown in Equation 10.
(10)
Substitute equations and rearrange:
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com