Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3445MM/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # LM3445MM/NOPB
Description  LM3445 TRIAC Dimmable Offline LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3445MM/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM3445MM/NOPB Datasheet HTML 28Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 29Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 30Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 31Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 32Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 33Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 34Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 35Page - Texas Instruments LM3445MM/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
LINE VOLTAGE (VAC)
95.0
90.0
85.0
80.0
75.0
80
90
100
110
120
130
140
14 Series connected LEDs
10 Series connected LEDs
LM3445
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
www.ti.com
Typical Application (continued)
Table 1. Bill of Materials (continued)
QTY
REF DES
DESCRIPTION
MANUFACTURER
MANUFACTURER PN
2
Q1, Q2
XSTR, NFET, DPAK, 300 V, 4 A
Fairchild
FQD7N30TF
1
Q3
XSTR, PNP, SOT23, 300 V, 500 mA
Fairchild
MMBTA92
1
Q5
XSTR, NFET, SOT23, 100 V, 170 mA
Fairchild
BSS123
1
J1
Terminal Block 2 pos
Phoenix Contact
1715721
1
F1
Fuse, 125 V, 1,25 A
bel
SSQ 1.25
8.2.3 Application Curve
Figure 31. Efficiency versus Input Voltage
32
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com